Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3535TME-2ALS Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3535TME-2ALS
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535TME-2ALS Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM3535TME-2ALS Datasheet HTML 14Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 15Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 16Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 17Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 18Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 19Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 20Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 21Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Application Information
AMBIENT LIGHT SENSING
Ambient Light Sensor Block
The LM3535 incorporates an Ambient Light Sensing interface
(ALS) which translates an analog output ambient light sensor
to a user specified brightness level. The ambient light sensing
circuit has 4 programmable boundaries (ZB0 – ZB3) which
define 5 ambient brightness zones. Each ambient brightness
zone corresponds to a programmable brightness threshold
(Z0T – Z4T).
Furthermore, the ambient light sensing inputs (ALSA and
ALSB(LM3535-2ALS)) features 15 internal software se-
lectable voltage setting resistors. This allows the LM3535 the
capability of interfacing with a wide selection of ambient light
sensors. Additionally, the ALS inputs can be configured as
high impedance, thus providing for a true shutdown during low
power modes. The ALS resistors are selectable through the
ALS Resistor Select Register (see Internal ALS Resistor Ta-
ble). Figure 14 shows a functional block diagram of the am-
bient light sensor input.
30082442
FIGURE 14. Ambient Light Sensor Functional Block Diagram
ALS Operation
The ambient light sensor input has a 0 to 1V operational input
voltage range. The Typical Application Circuit shows the
LM3535 with an ambient light sensor (AVAGO, APDS-9005)
and the internal ALS Resistor Select Register set to 0x40
(2.32k
Ω). This circuit converts 0 to 1000 LUX light into ap-
proximately a 0 to 850mV linear output voltage. The voltage
at the active ambient light sensor input is compared against
the 8 bit values programmed into the Zone Boundary Regis-
ters (ZB0-ZB3). When the ambient light sensor output cross-
es one of the ZB0 – ZB3 programmed thresholds the internal
ALS circuitry will smoothly transition the LED current to the
new 7 bit brightness level as programmed into the appropriate
Zone Target Register (Z0T – Z4T, See Figure 13).
With bits [6:4] of the Configuration Register set to 1 (Bit6 =
ALS Block Enable, Bit5 = BankB ALS Enable, Bit4 = BankA
ALS Enable), the LM3535 is configured for Ambient Light
Current Control. In this mode the ambient light sensing input
(ALS) monitors the output of analog output ambient light
sensing photo diode and adjusts the LED current depending
on the ambient light. The ambient light sensing circuit has 4
configurable Ambient Light Boundaries (ZB0 – ZB3) pro-
grammed through the four (8-bit) Zone Boundary Registers.
These zone boundaries define 5 ambient brightness zones.
On start-up the 4 Zone Boundary Registers are pre-loaded
with 0x33 (51d), 0x66 (102d), 0x99 (153d), and 0xCC (204d).
The ALS input has a 1V active input voltage range which
makes the default Zone Boundaries approx. set at:
Zone Boundary 0 = 200mV
Zone Boundary 1 = 400mV
Zone Boundary 2 = 600mV
Zone Boundary 3 = 800mV
These Zone Boundary Registers are all 8-bit (readable and
writable) registers. By Default, the first zone (Z0) is defined
between 0 and 200mV, Z1’s default is defined between
200mV and 400mV, Z2 is defined between 400mV and
600mV, Z3 is defined between 600mV and 800mV, and Z4 is
defined between 800mV and 1V. The default settings for the
5 Zone Target Registers are 0x19, 0x33, 0x4C, 0x66, and
0x7F. This corresponds to LED brightness settings of 84µA,
164µA, 1.45mA, 6.17mA and 25mA of current respectively.
See Figure 15.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com