Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/ML Datasheet(PDF) 243 Page - Microchip Technology

Part # PIC18LF4331-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/ML Datasheet(HTML) 243 Page - Microchip Technology

Back Button PIC18LF4331-E/ML Datasheet HTML 239Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 240Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 241Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 242Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 243Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 244Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 245Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 246Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 243
PIC18F2331/2431/4331/4431
REGISTER 21-4:
ADCON3: A/D CONTROL REGISTER 3
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADRS1
ADRS0
—
SSRC4(1)
SSRC3(1)
SSRC2(1)
SSRC1(1)
SSRC0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
ADRS<1:0>
: A/D Result Buffer Depth Interrupt Select Control for Continuous Loop Mode bits
The ADRS bits are ignored in Single-Shot mode.
00
= Interrupt is generated when each word is written to the buffer
01
= Interrupt is generated when the 2nd and 4th words are written to the buffer
10
= Interrupt is generated when the 4th word is written to the buffer
11
= Unimplemented
bit 5
Unimplemented:
Read as ‘0’
bit 4-0
SSRC<4:0>:
A/D Trigger Source Select bits(1)
00000
= All triggers disabled
xxxx1
= External interrupt RC3/INT0 starts A/D sequence
xxx1x
= Timer5 starts A/D sequence
xx1xx
= Input Capture 1 (IC1) starts A/D sequence
x1xxx
= CCP2 compare match starts A/D sequence
1xxxx
= Power Control PWM module rising edge starts A/D sequence
Note 1:
The SSRC<4:0> bits can be set such that any of the triggers will start a conversion (e.g., SSRC<4:0> = 00101
will trigger the A/D conversion sequence when RC3/INT0 or Input Capture 1 event occurs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com