Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-E/ML Datasheet(PDF) 251 Page - Microchip Technology

Part # PIC18LF4331-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/ML Datasheet(HTML) 251 Page - Microchip Technology

Back Button PIC18LF4331-E/ML Datasheet HTML 247Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 248Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 249Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 250Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 251Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 252Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 253Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 254Page - Microchip Technology PIC18LF4331-E/ML Datasheet HTML 255Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 251
PIC18F2331/2431/4331/4431
21.4
A/D Voltage References
If external voltage references are used instead of the
internal AVDD and AVSS sources, the source
impedance of the VREF+ and VREF- voltage sources
must be considered. During acquisition, currents
supplied by these sources are insignificant. However,
during conversion, the A/D module sinks and sources
current through the reference sources.
In order to maintain the A/D accuracy, the voltage
reference source impedances should be kept low to
reduce voltage changes. These voltage changes occur
as reference currents flow through the reference
source impedance.
21.5
Selecting and Configuring
Automatic Acquisition Time
The ADCON2 register allows the user to select an acqui-
sition time that occurs each time an A/D conversion is
triggered.
When the GO/DONE bit is set, sampling is stopped and
a conversion begins. The user is responsible for ensuring
the required acquisition time has passed between
selecting the desired input channel and the start of
conversion. This occurs when the ACQT<3:0> bits
(ADCON2<6:3>) remain in their Reset state (‘0000’).
If desired, the ACQT bits can be set to select a
programmable acquisition time for the A/D module.
When triggered, the A/D module continues to sample
the input for the selected acquisition time, then
automatically
begins
a
conversion.
Since
the
acquisition time is programmed, there may be no need
to wait for an acquisition time between selecting a
channel and triggering the A/D. If an acquisition time is
programmed, there is nothing to indicate if the
acquisition time has ended or if the conversion has
begun.
21.6
Selecting the A/D Conversion
Clock
The A/D conversion time per bit is defined as TAD. The
A/D conversion requires 12 TAD per 10-bit conversion.
The source of the A/D conversion clock is software
selectable. There are eight possible options for TAD:
•2 TOSC
•4 TOSC
•8 TOSC
•16 TOSC
•32 TOSC
•64 TOSC
• Internal RC Oscillator
• Internal RC Oscillator/4
For correct A/D conversions, the A/D conversion clock
(TAD) must be as short as possible, but greater than the
minimum TAD (approximately 416 ns, see parameter
A11 for more information).
Table 21-2 shows the resultant TAD times derived from
the device operating frequencies and the A/D clock
source selected.
TABLE 21-2:
TAD vs. DEVICE OPERATING FREQUENCIES
Note:
When using external references, the
source impedance of the external voltage
references must be less than 75
 in order
to achieve the specified ADC resolution. A
higher reference source impedance will
increase the ADC offset and gain errors.
Resistive voltage dividers will not provide a
low enough source impedance. To ensure
the best possible ADC performance, exter-
nal VREF inputs should be buffered with an
op amp or other low-impedance circuit.
AD Clock Source (TAD)
Maximum Device Frequency
Operation
ADCS<2:0>
PIC18FXX31
PIC18LFXX31(4)
2 TOSC
000
4.8 MHz
666 kHz
4 TOSC
100
9.6 MHz
1.33 MHz
8 TOSC
001
19.2 MHz
2.66 MHz
16 TOSC
101
38.4 MHz
5.33 MHz
32 TOSC
010
40.0 MHz
10.65 MHz
64 TOSC
110
40.0 MHz
21.33 MHz
RC/4(3)
011
1.00 MHz(1)
1.00 MHz(2)
RC(3)
111
4.0 MHz(2)
4.0 MHz(2)
Note 1:
The RC source has a typical TAD time of 2-6
s.
2:
The RC source has a typical TAD time of 0.5-1.5
s.
3:
For device frequencies above 1 MHz, the device must be in Sleep for the entire conversion or the A/D
accuracy may be out of specification unless in Single-Shot mode.
4:
Low-power devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com