Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5508C Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 68 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 64Page - Texas Instruments TAS5508C Datasheet HTML 65Page - Texas Instruments TAS5508C Datasheet HTML 66Page - Texas Instruments TAS5508C Datasheet HTML 67Page - Texas Instruments TAS5508C Datasheet HTML 68Page - Texas Instruments TAS5508C Datasheet HTML 69Page - Texas Instruments TAS5508C Datasheet HTML 70Page - Texas Instruments TAS5508C Datasheet HTML 71Page - Texas Instruments TAS5508C Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
A6
A0
ACK
Acknowledge
I CDevice Addressand
Read/WriteBit
2
R/W
A6
A0
R/W ACK
A0 ACK
D7
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
LastDataByte
ACK
FirstDataByte
RepeatStart
Condition
Not
Acknowledge
I CDevice Addressand
Read/WriteBit
2
Subaddress
OtherDataBytes
A7
A6
A5
D7
D0 ACK
Acknowledge
D7
D0
T0484-01
TAS5508C
SLES257 – SEPTEMBER 2010
www.ti.com
5.7
Multiple-Byte Read
A multiple-byte, data-read transfer is identical to a single-byte, data-read transfer except that multiple data
bytes are transmitted by the TAS5508C to the master device, as shown in Figure 5-5. Except for the last
data byte, the master device responds with an acknowledge bit after receiving each data byte.
Figure 5-5. Multiple-Byte Read Transfer
68
Copyright © 2010, Texas Instruments Incorporated
I2C Serial-Control Interface (Slave Address 0x36)
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com