Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5508C Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508C
Description  8-Channel Digital Audio PWM Processor
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508C Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS5508C Datasheet HTML 14Page - Texas Instruments TAS5508C Datasheet HTML 15Page - Texas Instruments TAS5508C Datasheet HTML 16Page - Texas Instruments TAS5508C Datasheet HTML 17Page - Texas Instruments TAS5508C Datasheet HTML 18Page - Texas Instruments TAS5508C Datasheet HTML 19Page - Texas Instruments TAS5508C Datasheet HTML 20Page - Texas Instruments TAS5508C Datasheet HTML 21Page - Texas Instruments TAS5508C Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 107 page
background image
TAS5508C
SLES257 – SEPTEMBER 2010
www.ti.com
•
Clock, PLL, and serial data interface
•
I2C serial-control interface
•
Device control
•
Digital audio processor (DAP)
2.2.1
Power Supply
The power-supply section contains supply regulators that provide analog and digital regulated power for
various sections of the TAS5508C. The analog supply supports the analog PLL, whereas digital supplies
support the digital PLL, the digital audio processor (DAP), the pulse-width modulator (PWM), and the
output control (reclocker). The regulators can also be turned off when terminals RESET and PDN are both
low.
2.2.2
Clock, PLL, and Serial Data Interface
The TAS5508C is a clocked slave-only device that requires the use of an external 13.5-MHz crystal. It
accepts MCLK, SCLK, and LRCLK as inputs only.
The TAS5508C uses the external crystal to provide a time base for:
•
Continuous data and clock error detection and management
•
Automatic data-rate detection and configuration
•
Automatic MCLK-rate detection and configuration (automatic bank switching)
•
Supporting I2C operation/communication while MCLK is absent
The TAS5508C automatically handles clock errors, data-rate changes, and master-clock frequency
changes without requiring intervention from an external system controller. This feature significantly
reduces system complexity and design.
2.2.2.1
Serial Audio Interface
The TAS5508C operates as a slave-only/receive-only serial data interface in all modes. The TAS5508C
has four PCM serial data interfaces to permit eight channels of digital data to be received though the
SDIN1, SDIN2, SDIN3, and SDIN4 inputs. The serial audio data is in MSB-first, 2s-complement format.
The serial data input interface of the TAS5508C can be configured in right-justified, I2S, or left-justified
modes. The serial data interface format is specified using the I2C data-interface control register. The
supported formats and word lengths are shown in Table 2-1.
18
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TAS5508C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com