Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5960DA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960DA
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960DA Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5960DA Datasheet HTML 6Page - Texas Instruments TLC5960DA Datasheet HTML 7Page - Texas Instruments TLC5960DA Datasheet HTML 8Page - Texas Instruments TLC5960DA Datasheet HTML 9Page - Texas Instruments TLC5960DA Datasheet HTML 10Page - Texas Instruments TLC5960DA Datasheet HTML 11Page - Texas Instruments TLC5960DA Datasheet HTML 12Page - Texas Instruments TLC5960DA Datasheet HTML 13Page - Texas Instruments TLC5960DA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
160
140
120
100
80
60
40
20
0
0
0.2
0.4
0.6
0.8
1.0
1.2
VADJ(V)
1.4
T =+25 C
PWM=100%duty
°
VIN=24V
R =5W
A
S
1000
100
10
1
0.1
0.01
0.1
1
10
PWMDimmingDutyat320Hz(%)
100
VADJ=1.2V(100%)
VADJ=0.6V(50%)
VADJ=0.12V(10%)
T =+25 C
A
°
VIN=24V
Time(2 s/div)
m
I
(0mA)
LED1
I
(50mA)
LED1
CTRL1
2 s
m
T =+25 C
A
°
VIN=24V
Time(2 s/div)
m
I
(0mA)
LED1
I
(50mA)
LED1
CTRL1
2 s
m
T =+25 C
A
°
VIN=24V
5.25
5.20
5.15
5.10
5.05
5.00
4.95
4.90
4.85
4.80
4.75
0
5
15
20
25
LoadCurrent(mA)
30
T =+25 C
A
°
VIN=24V
10
VREG5
5.25
5.20
5.15
5.10
5.05
5.00
4.95
4.90
4.85
4.80
4.75
10
14
18
20
26
VIN(V)
28
16
T =+25 C
A
°
Load=25mA
VREG5
12
22
24
TLC5960
SBVS147 – SEPTEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS
ANALOG DIMMING LINEARITY
PWM DIMMING LINEARITY
(ILED vs VADJ)
(ILED vs CTRL PULSE DURATION)
Figure 5.
Figure 6.
TYPICAL TURN-ON WAVEFORM
TYPICAL TURN-OFF WAVEFORM
Figure 7.
Figure 8.
LDO LOAD REGULATION
LDO LINE REGULATION
Figure 9.
Figure 10.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com