Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5960DA Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960DA
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960DA Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC5960DA Datasheet HTML 8Page - Texas Instruments TLC5960DA Datasheet HTML 9Page - Texas Instruments TLC5960DA Datasheet HTML 10Page - Texas Instruments TLC5960DA Datasheet HTML 11Page - Texas Instruments TLC5960DA Datasheet HTML 12Page - Texas Instruments TLC5960DA Datasheet HTML 13Page - Texas Instruments TLC5960DA Datasheet HTML 14Page - Texas Instruments TLC5960DA Datasheet HTML 15Page - Texas Instruments TLC5960DA Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
CTRL1
G1
OFF
EN
G2
t
SU0
t
H0
t
SW
ON
OFF
ON
OFF
OFF
ON
t
SW
OFF
ON
OFF
ON
OFF
OFF
ON
t
WL0
t
WH0
t
SW
t
D
ON
t
SW
t
D
t
D
t
WL1
t
WH1
TLC5960
SBVS147 – SEPTEMBER 2010
www.ti.com
FUNCTIONAL DESCRIPTION
CONTROLLING THE EXTERNAL-FET GATE DRIVERS
The eight-channel TLC5960 is equipped with eight external-FET gate drivers (one per channel) to drive FETs in
series with the LED strings. In normal mode, a CTRL input enables/disables the corresponding two-channel
drivers. That is, CTRL1 turns on the channel 1 (ch1) and ch2 gate drive outputs (G1 and G2) sequentially. A total
of four parallel inputs (CTRL1 to CTRL4) are used to provide eight channels of PWM control. EN high enables
this CTRLn PWM interface, and EN low shuts down all channels simultaneously. The control interface logic truth
table is shown in Table 1.
Table 1. Output Channel Control Truth Table (Normal Mode)
EN
CTRL1
CTRL2
CTRL3
CTRL4
OUTPUT STATUS
Low
X
X
X
X
All channels disabled
Low
Low
Low
Low
All channels disabled
High
Low
Low
Low
Ch1 (G1)/Ch2 (G2) enabled
Low
High
Low
Low
Ch3 (G3)/Ch4 (G4) enabled
High
Low
Low
High
Low
Ch5 (G5)/Ch6 (G6) enabled
Low
Low
Low
High
Ch7 (G7)/Ch8 (G8) enabled
High
High
High
High
All channels enabled
Figure 14 shows the on and off timing of the control input CTRL1 and the related gate driver outputs of ch1 and
ch2. The TLC5960 integrates an internal phase shift function between the channels; therefore, the G1 and G2
outputs on-off timing have an internal unit delay time (tD). Refer to the Built-In Phase Shift and PWM Input
Minimum On-Time Requirement section for more details. The EN signal polarity change, on the other hand,
immediately applies to all channel outputs.
Figure 14. Gate Driver On and Off Timing Sequence
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com