Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32676G1905 Datasheet(PDF) 23 Page - EPCOS

Part # B32676G1905
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32676G1905 Datasheet(HTML) 23 Page - EPCOS

Back Button B32676G1905 Datasheet HTML 19Page - EPCOS B32676G1905 Datasheet HTML 20Page - EPCOS B32676G1905 Datasheet HTML 21Page - EPCOS B32676G1905 Datasheet HTML 22Page - EPCOS B32676G1905 Datasheet HTML 23Page - EPCOS B32676G1905 Datasheet HTML 24Page - EPCOS B32676G1905 Datasheet HTML 25Page - EPCOS B32676G1905 Datasheet HTML 26Page - EPCOS B32676G1905 Datasheet HTML 27Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Immersion depth
2.0 +0/ 0.5 mm from capacitor body or seating plane
Shield
Heat-absorbing board, (1.5
±0.5) mm thick, between capacitor
body and liquid solder
Evaluation criteria:
Visual inspection
No visible damage
∆C/C
0
2% for MKT/MKP/MFP
5% for EMI suppression capacitors
tan
δ
As specified in sectional specification
B32674 ... B32678
MKP DC link
high power series
Page 23 of 32
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com