Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32673Z Datasheet(PDF) 7 Page - EPCOS

Part # B32673Z
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32673Z Datasheet(HTML) 7 Page - EPCOS

Back Button B32673Z Datasheet HTML 3Page - EPCOS B32673Z Datasheet HTML 4Page - EPCOS B32673Z Datasheet HTML 5Page - EPCOS B32673Z Datasheet HTML 6Page - EPCOS B32673Z Datasheet HTML 7Page - EPCOS B32673Z Datasheet HTML 8Page - EPCOS B32673Z Datasheet HTML 9Page - EPCOS B32673Z Datasheet HTML 10Page - EPCOS B32673Z Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Technical data
Max. operating temperature
Top,max
+125
°C
Dissipation factor tan
δ (in 10-3)
at 20
°C (upper limit values)
CR
≤ 0.1 µF
0.1 µF< CR
at
1 kHz
100 kHz
≤ 1 (typically 0.6)
5.0
1.0
Insulation resistance Rins
or time constant
τ = C
R
Rins
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
> 30 000 M
Ω
> 10 000 s
(CR
≤ 0.33 µF)
(CR > 0.33 µF)
Total self-inductance L
(lead length
3mm)
LS 15 mm
LS 22.5 mm
10 nH
18 nH
DC test voltage
1.6
× V
R, 2 s
Category voltage VC
(continuous operation with
VDC or VAC at f
≤ 1 kHz)
TA (
°C)
DC voltage derating
AC voltage derating
TA
≤ 85
85<TA
≤110
VC = VR
VC = VR (165 TA)/80
VC,RMS = VRMS
VC,RMS=VRMS (165 TA)/80
Operating voltage Vop for
short operating periods
(VDC or VAC at f
≤ 1 kHz)
TA (
°C)
DC voltage (max. hours) AC voltage (max. hours)
TA
≤ 100
100<TA
≤125
Vop = 1.25 VC (2000 h)
Vop = 1.25 VC (1000 h)
Vop = 1.0 VC,RMS (2000 h)
Vop = 1.0 VC,RMS (1000 h)
Passive flammability category
in accordance to
IEC 40 (CO) 752
C
Maximum continuous
AC voltage VAC
220 V / 277 V / 310 V (50/60 Hz)
Rated AC voltage
(IEC 60384-14)
250 V (50/60 Hz)
Surge pulse test IEC 1000-4-5 1.2 µs / 50 µs / 1200 V
8.0 µs / 20 µs / 1200 V
Damp heat test
56 days / 40
°C / 93% relative humidity
Limit values after
damp heat test
Capacitance change
∆C/C
Dissipation factor change
∆ tan δ
Insulation resistance Rins
or time constant
τ = C
R
Rins
≤ 5%
≤ 0.5 10-3 (at 1 kHz)
≤ 1.0 10-3 (at 10 kHz)
≥ 50% of minimum
as-delivered values
Reliability:
Failure rate
λ
Service life tSL
1 fit (
≤ 1 10-9/h) at 0.5 V
R, 40
°C
200 000 h at 1.0
VR, 85
°C
For conversion to other operating conditions and temperatures,
refer to chapter "Quality, 2 Reliability".
B32671Z ... B32673Z
Power Factor Correction
Page 7 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com