Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32673Z Datasheet(PDF) 5 Page - EPCOS

Part # B32673Z
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32673Z Datasheet(HTML) 5 Page - EPCOS

  B32673Z Datasheet HTML 1Page - EPCOS B32673Z Datasheet HTML 2Page - EPCOS B32673Z Datasheet HTML 3Page - EPCOS B32673Z Datasheet HTML 4Page - EPCOS B32673Z Datasheet HTML 5Page - EPCOS B32673Z Datasheet HTML 6Page - EPCOS B32673Z Datasheet HTML 7Page - EPCOS B32673Z Datasheet HTML 8Page - EPCOS B32673Z Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VRMS
f
≤1 kHz
V AC
VR
V DC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
220
450
0.10
5.0
× 10.5 × 18.0 B32672Z4104+*** 4680
5200
4000
0.15
5.0
× 10.5 × 18.0 B32672Z4154+*** 4680
5200
4000
0.22
6.0
× 11.0 × 18.0 B32672Z4224+*** 3840
4400
4000
0.33
7.0
× 12.5 × 18.0 B32672Z4334+*** 3320
3600
4000
0.47
8.0
× 14.0 × 18.0 B32672Z4474+*** 2920
3000
2000
0.47
13.0
× 14.0 × 18.0 B32672T4474K***
2000
1200
0.68
9.0
× 17.5 × 18.0 B32672Z4684+*** 2560
2800
2000
0.68
13.0
× 14.0 × 18.0 B32672T4684K***
2000
1200
1.0
11.0
× 18.5 × 18.0 B32672Z4105K***
2200
1200
277
520
0.047
5.0
× 10.5 × 18.0 B32672Z5473+*** 4680
5200
4000
0.10
6.0
× 11.0 × 18.0 B32672Z5104+*** 3840
4400
4000
0.15
6.0
× 11.0 × 18.0 B32672Z5154+*** 3840
4400
4000
0.22
7.0
× 12.5 × 18.0 B32672Z5224+*** 3320
3600
4000
0.33
8.5
× 14.5 × 18.0 B32672Z5334+*** 2720
2800
2000
0.33
13.0
× 14.0 × 18.0 B32672T5334K***
2000
1200
0.47
9.0
× 17.5 × 18.0 B32672Z5474+*** 2560
2800
2000
0.47
13.0
× 14.0 × 18.0 B32672T5474K***
2000
1200
0.68
11.0
× 18.5 × 18.0 B32672Z5684+***
2000
1200
1.0
11.0
× 18.5 × 18.0 B32672Z5105K***
2200
1200
310
630
0.033
5.0
× 10.5 × 18.0 B32672Z6333+*** 4680
5200
4000
0.047
5.0
× 10.5 × 18.0 B32672Z6473+*** 4680
5200
4000
0.068
5.0
× 10.5 × 18.0 B32672Z6683+*** 4680
5200
4000
0.10
6.0
× 11.0 × 18.0 B32672Z6104+*** 3840
4400
4000
0.12
6.0
× 11.0 × 18.0 B32672Z6124+*** 3840
4400
4000
0.15
6.0
× 12.0 × 18.0 B32672Z6154+*** 3840
4400
4000
0.22
8.0
× 14.0 × 18.0 B32672T6224+*** 2920
3000
2000
0.33
8.5
× 14.5 × 18.0 B32672Y6334K*** 2720
2800
2000
0.33
9.0
× 17.5 × 18.0 B32672Z6334+*** 2560
2800
2000
0.33
13.0
× 14.0 × 18.0 B32672T6334+***
2000
1200
0.47
11.0
× 18.5 × 18.0 B32672Z6474+***
2200
1200
0.56
11.0
× 18.5 × 18.0 B32672Z6564+***
2200
1200
B32672Z
Power Factor Correction
Page 5 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com