Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54213 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL54213
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54213 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54213 Datasheet HTML 1Page - Intersil Corporation ISL54213 Datasheet HTML 2Page - Intersil Corporation ISL54213 Datasheet HTML 3Page - Intersil Corporation ISL54213 Datasheet HTML 4Page - Intersil Corporation ISL54213 Datasheet HTML 5Page - Intersil Corporation ISL54213 Datasheet HTML 6Page - Intersil Corporation ISL54213 Datasheet HTML 7Page - Intersil Corporation ISL54213 Datasheet HTML 8Page - Intersil Corporation ISL54213 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6663.0
March 26, 2008
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.5
5.0
V
Positive Supply Current, IDD
(Audio Mode)
VDD = 3.6V, IN = 0V, CTRL = 3.6V
25
-
6
13
µA
Full
-
-
15
µA
Positive Supply Current, IDD
(USB Mode)
VDD = 3.6V, IN = 3.6V, CTRL = 3.6V
25
-
2
4.5
µA
Full
-
-
5.5
µA
Positive Supply Current, IDD
(Mute State)
VDD = 3.6V, IN = 0V, CTRL = 0V
25
-
2
4.5
µA
Full
-
-
7
µA
Power OFF-current, IDx ICOMx VDD = 0V, VDx = VCOMx = 5.25V, IN = CTRL = Float
25
-
7
-
µA
DIGITAL INPUT CHARACTERISTICS
Voltage Low, VINL, VCTRLL
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
Voltage High, VINH, VCTRLH
VDD = 2.7V to 3.6V
Full
1.4
-
-
V
Input Current, IINL, ICTRLL
VDD = 3.6V, IN = 0V, CTRL = 0V
Full
-50
20
50
nA
Input Current, IINH
VDD = 3.6V, IN = 3.6, CTRL = 0V
Full
-2
1.1
2
µA
Input Current, ICTRLH
VDD = 3.6V, IN = 0V, CTRL = 3.6V
Full
-2
1.1
2
µA
CTRL Pull-Down Resistor,
RCTRL
VDD = 3.6V, IN = 0V, CTRL = 3.6V; measure current through the
internal pull-down resistor and calculate resistance value.
Full
-
4
-
M
Ω
IN Pull-Down Resistor, RIN
VDD = 3.6V, IN = 3.6V, CTRL = 3.6V; measure current through
the internal pull-down resistor and calculate resistance value.
Full
-
4
-
M
Ω
NOTES:
8. Vlogic = Input voltage to perform proper function.
9. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
10. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested.
11. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
12. Limits established by characterization and are not production tested.
13. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between L and R or between D+ and D-.
Electrical Specifications - 2.7V to 3.6V Supply
Test Conditions: VDD = +3.0V, GND = 0V, VINH = VCTRLH = 1.4V, VINL = VCTRLL = 0.5V,
(Note 8), Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10) TYP
MAX
(Notes 9, 10) UNITS
ISL54213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com