Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54213 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL54213
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54213 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL54213 Datasheet HTML 7Page - Intersil Corporation ISL54213 Datasheet HTML 8Page - Intersil Corporation ISL54213 Datasheet HTML 9Page - Intersil Corporation ISL54213 Datasheet HTML 10Page - Intersil Corporation ISL54213 Datasheet HTML 11Page - Intersil Corporation ISL54213 Datasheet HTML 12Page - Intersil Corporation ISL54213 Datasheet HTML 13Page - Intersil Corporation ISL54213 Datasheet HTML 14Page - Intersil Corporation ISL54213 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
FN6663.0
March 26, 2008
FIGURE 14. AUDIO CHANNEL OFF-ISOLATION vs
FREQUENCY
FIGURE 15. OFF-ISOLATION AUDIO SWITCHES
FIGURE 16. FREQUENCY RESPONSE
FIGURE 17. OFF-ISOLATION USB SWITCHES
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
98
PROCESS:
Submicron CMOS
Typical Performance Curves TA = +25°C, Unless Otherwise Specified. (Continued)
-140
-65
-135
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
20
20k
50
100
200
500
1k
2k
5k
10k
FREQUENCY (Hz)
RLOAD = 32Ω
VLOAD = 0.707VRMS
FREQUENCY (Hz)
-60
0.01M
0.1M
1M
500M
-80
-40
-100
-120
0
-20
10M
0.001M
100M
VSIGNAL = 0.2VP-P TO 2VP-P
RL = 50Ω
FREQUENCY (Hz)
0
-1
1M
10M
100M
1G
-2
-3
-4
1
USB SWITCH
RL = 50Ω
VSIGNAL = 0.2VP-P TO 2VP-P
FREQUENCY (Hz)
-60
0.01M
0.1M
1M
500M
-80
-40
-100
-120
0
-20
10M
0.001M
100M
VSIGNAL = 0.2VP-P TO 2VP-P
RL = 50Ω
VDCOFFSET = 1.5VDC
ISL54213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com