Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62381 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL62381
Description  High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62381 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL62381 Datasheet HTML 5Page - Intersil Corporation ISL62381 Datasheet HTML 6Page - Intersil Corporation ISL62381 Datasheet HTML 7Page - Intersil Corporation ISL62381 Datasheet HTML 8Page - Intersil Corporation ISL62381 Datasheet HTML 9Page - Intersil Corporation ISL62381 Datasheet HTML 10Page - Intersil Corporation ISL62381 Datasheet HTML 11Page - Intersil Corporation ISL62381 Datasheet HTML 12Page - Intersil Corporation ISL62381 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
FN6665.4
August 7, 2008
28
32
FB2
SMPS2 feedback input used for output voltage programming and regulation.
Bottom
Pad
Bottom
Pad
GND
Analog ground of the IC. Unless otherwise stated, signals are reference to this GND.
Pin Descriptions (Continued)
PIN NUMBER
NAME
FUNCTION
28 LD
32 LD
Typical Performance
FIGURE 5. CHANNEL 1 EFFICIENCY AT VO =3.3V
FIGURE 6. CHANNEL 2 EFFICIENCY AT VO =5V
FIGURE 7. POWER-ON, VIN = 12V, LOAD = 5A, VO =3.3V
FIGURE 8. POWER-OFF, VIN = 12V, IO =5A, VO =3.3V
60
65
70
75
80
85
90
95
100
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
IOUT (A)
VIN = 12V
VIN = 19V
VIN = 7V
60
65
70
75
80
85
90
95
100
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
IOUT (A)
VIN = 12V
VIN = 19V
VIN = 7V
VO1
FB1
PGOOD1
PHASE1
VO1
FB1
PGOOD1
PHASE1
ISL62381, ISL62382, ISL62383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com