Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62381 Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL62381
Description  High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62381 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL62381 Datasheet HTML 15Page - Intersil Corporation ISL62381 Datasheet HTML 16Page - Intersil Corporation ISL62381 Datasheet HTML 17Page - Intersil Corporation ISL62381 Datasheet HTML 18Page - Intersil Corporation ISL62381 Datasheet HTML 19Page - Intersil Corporation ISL62381 Datasheet HTML 20Page - Intersil Corporation ISL62381 Datasheet HTML 21Page - Intersil Corporation ISL62381 Datasheet HTML 22Page - Intersil Corporation ISL62381 Datasheet HTML 23Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
FN6665.4
August 7, 2008
inductor pads for accurate measurement. Connect ROCSET
to the phase-node side pad of the inductor, and connect
CSEN to the output side pad of the inductor. The ISEN
resistor should also be connected to the output pad of the
inductor with a separate trace. Connect the OCSET pin to
the common node of node of ROCSET and CSEN.
For resistive current sensing, connect ROCSET from the
OCSET pin to the inductor side of the resistor pad. The ISEN
resistor should be connected to the VOUT side of the resistor
pad.
In both current-sense configurations, the resistor and
capacitor sensing elements, with the exclusion of the current
sense power resistor, should be placed near the
corresponding IC pin. The trace connections to the inductor
or sensing resistor should be treated as Kelvin connections.
FB (Pins 9 and 32), and VOUT (Pins 10 and 31)
The VOUT pin is used to generate the R3 synthetic ramp
voltage and for soft-discharge of the output voltage during
shutdown events. This signal should be routed as close to
the regulation point as possible. The input impedance of the
FB pin is high, so place the voltage programming and loop
compensation components close to the VOUT, FB, and GND
pins keeping the high impedance trace short.
FSET (Pins 2 and 7)
These pins require a quiet environment. The resistor RFSET
and capacitor CFSET should be placed directly adjacent to
these pins. Keep fast moving nodes away from these pins.
LGATE (Pins 17 and 24)
The signal going through these traces are both high dv/dt
and high di/dt, with high peak charging and discharging
current. Route these traces in parallel with the trace from the
PGND pin. These two traces should be short, wide, and
away from other traces. There should be no other weak
signal traces in proximity with these traces on any layer.
BOOT (Pins 16 and 25), UGATE (Pins 15 and 26), and
PHASE (Pins 14 and 27)
The signals going through these traces are both high dv/dt
and high di/dt, with high peak charging and discharging
current. Route the UGATE and PHASE pins in parallel with
short and wide traces. There should be no other weak signal
traces in proximity with these traces on any layer.
Copper Size for the Phase Node
The parasitic capacitance and parasitic inductance of the
phase node should be kept very low to minimize ringing. It is
best to limit the size of the PHASE node copper in strict
accordance with the current and thermal management of the
application. An MLCC should be connected directly across
the drain of the upper MOSFET and the source of the lower
MOSFET to suppress the turn-off voltage spike.
ISL62381, ISL62382, ISL62383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com