Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9200 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL9200
Description  Programmable VCOM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9200 Datasheet(HTML) 3 Page - Intersil Corporation

  EL9200 Datasheet HTML 1Page - Intersil Corporation EL9200 Datasheet HTML 2Page - Intersil Corporation EL9200 Datasheet HTML 3Page - Intersil Corporation EL9200 Datasheet HTML 4Page - Intersil Corporation EL9200 Datasheet HTML 5Page - Intersil Corporation EL9200 Datasheet HTML 6Page - Intersil Corporation EL9200 Datasheet HTML 7Page - Intersil Corporation EL9200 Datasheet HTML 8Page - Intersil Corporation EL9200 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN7438.1
October 30, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VS+
Supply Voltage between VS+ and GND . . . . . . . . . . . . . .18V
Supply Voltage between VSD and GND . . . . . . . . . . . . . . . . . . . .4V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 65mA
Input Voltages to GND
SET, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +4V
CTL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +16V
Output Voltages to GND
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +20V
AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +20V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VSD = 3V, VS+ = 15V, AVDD = 15V, RSET = 24.9kΩ, and TA = +25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VS+
Supply Voltage
4.5
16.5
V
IS+
Quiescent Current
EL9200
3.8
4.8
mA
EL9201
7.6
9.6
mA
EL9202
10.5
16
mA
VSD
Logic Supply Voltage
For programming
3
3.6
V
For operation
2.6
3.6
V
ISD
Quiescent Logic Current
CE = 3.6V
50
µA
CE = GND
25
µA
Program (charge pump current) (Note 1)
23
mA
Read (Note 1)
3
mA
IADD
Supply Current
(Note 2)
25
µA
CTLIH
CTL High Voltage
2.6V < VSD < 3.6V
0.7*VSD
0.8*VSD
V
CTLIL
CTL Low Voltage
2.6V < VSD < 3.6V
0.2*VSD
0.3*VSD
V
CTLIHRPW
CTL High Rejected Pulse Width
20
µs
CTLILRPW
CTL Low Rejected Pulse Width
20
µs
CTLIHMPW
CTL High Minimum Pulse Width
200
µs
CTLILMPW
CTL Low Minimum Pulse Width
200
µs
CTLMTC
CTL Minimum Time Between Counts
10
µs
ICTL
CTL Input Current
CTL = GND
10
µA
CTL = VSD
10
µA
CTLCAP
CTL Input Capacitance
10
pF
CEIL
CE Input Low Voltage
2.6V < VSD < 3.6V
0.4
V
CEIH
CE Input High Voltage
2.6V < VSD < 3.6V
1.6
V
CEST
CE Minimum Start-Up Time
(Note 1)
1
ms
CTLPROM
CTL EEPROM Program Voltage
2.6V < VSD < 3.6V (Note 2)
4.9
15.75
V
CTLPT
CTL EEPROM Programming Signal
Time
> 4.9V
200
µs
PT
Programming Time
100
ms
EEWC
EE Write Cycles
(Note 5)
1000
cycles
EL9200, EL9201, EL9202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com