Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9200 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL9200
Description  Programmable VCOM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9200 Datasheet(HTML) 1 Page - Intersil Corporation

  EL9200 Datasheet HTML 1Page - Intersil Corporation EL9200 Datasheet HTML 2Page - Intersil Corporation EL9200 Datasheet HTML 3Page - Intersil Corporation EL9200 Datasheet HTML 4Page - Intersil Corporation EL9200 Datasheet HTML 5Page - Intersil Corporation EL9200 Datasheet HTML 6Page - Intersil Corporation EL9200 Datasheet HTML 7Page - Intersil Corporation EL9200 Datasheet HTML 8Page - Intersil Corporation EL9200 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN7438.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
EL9200, EL9201, EL9202
Programmable VCOM
The EL9200, EL9201, and EL9202 represent programmable
VCOM amplifiers for use in TFT-LCD displays. Featuring 1,
2, and 4 channels of VCOM amplification, respectively, each
device features just a single programmable current source
for adding offset to one VCOM output. This current source is
programmable using a single wire interface to one of 128
levels. The value is stored on an internal EEPROM memory.
The EL9200 is available in the 12 LD DFN package and the
EL9201 and EL9202 are available in 24 LD QFN packages.
All are specified for operation over the -40°C to +85°C
temperature range.
Typical Block Diagram
Features
• 128 Step Adjustable Sink Current
• EEPROM Memory
• 2-pin Adjustment and Disable
• Single, Dual or Quad Amplifiers
- 44MHz Bandwidth
- 80V/µs Slew Rate
- 60mA Continuous Output
- 180mA Peak Output
• Up to 18V Operation
• 2.6V to 3.6VLogic Control
• Pb-free Available (RoHS compliant)
Applications
•TFT-LCD VCOM Supplies For
-LCD-TVs
- LCD Monitors
-
+
EEPROM
CONTROL
UP/DOWN
COUNTER
ANALOG
POT
CTL
CE
VSD
AVDD
GND
SET
RSET
IOUT
INP
VOUT
INN
RF
RG
R1
R2
AVDD
VS+
GND
Pinouts
EL9200
(12 LD DFN)
TOP VIEW
EL9201
(24 LD QFN)
TOP VIEW
EL9202
(24 LD QFN)
TOP VIEW
12
11
10
9
8
7
1
2
3
4
5
6
THERMAL
PAD
VINA-
GND
VINA+
IOUT
AVDD
GND
VS+
VOUTA
SET
CE
CTL
VSD
19
18
17
16
15
14
13
1
2
3
4
5
6
7
NC
NC
VINB+
IOUT
NC
AVDD
GND
NC
VOUTA
VS+
VOUTB
VINB-
SET
CE
THERMAL
PAD
19
18
17
16
15
14
13
1
2
3
4
5
6
7
VOUTA
VOUTD
VIND-
NC
VIND+
AVDD
CTL
VOUTB
VOUTC
VINC-
NC
VINC+
GND
AVDD
THERMAL
PAD
Data Sheet
October 30, 2008


Similar Part No. - EL9200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL9200 RENESAS-EL9200 Datasheet
692Kb / 15P
Programmable VCOM
EL9200IL RENESAS-EL9200IL Datasheet
692Kb / 15P
Programmable VCOM
EL9200IL-T13 RENESAS-EL9200IL-T13 Datasheet
692Kb / 15P
Programmable VCOM
EL9200IL-T7 RENESAS-EL9200IL-T7 Datasheet
692Kb / 15P
Programmable VCOM
EL9200ILZ RENESAS-EL9200ILZ Datasheet
692Kb / 15P
Programmable VCOM
More results

Similar Description - EL9200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Renesas Technology Corp
EL9200 RENESAS-EL9200 Datasheet
692Kb / 15P
Programmable VCOM
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
Programmable Gamma and VCOM Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com