Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3C55 Datasheet(PDF) 5 Page - Altera Corporation

Part # EP3C55
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C55 Datasheet(HTML) 5 Page - Altera Corporation

  EP3C55 Datasheet HTML 1Page - Altera Corporation EP3C55 Datasheet HTML 2Page - Altera Corporation EP3C55 Datasheet HTML 3Page - Altera Corporation EP3C55 Datasheet HTML 4Page - Altera Corporation EP3C55 Datasheet HTML 5Page - Altera Corporation EP3C55 Datasheet HTML 6Page - Altera Corporation EP3C55 Datasheet HTML 7Page - Altera Corporation EP3C55 Datasheet HTML 8Page - Altera Corporation EP3C55 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Chapter 1: Cyclone III Device Data Sheet
1–5
Electrical Characteristics
© January 2010
Altera Corporation
Cyclone III Device Handbook, Volume 2
DC Characteristics
This section lists the I/O leakage current, pin capacitance, on-chip termination (OCT)
tolerance, and bus hold specifications for Cyclone III devices.
Supply Current
Standby current is the current the device draws after the device is configured with no
inputs or outputs toggling and no activity in the device. Use the Excel-based early
power estimator (EPE) to get the supply current estimates for your design because
these currents vary largely with the resources used. Table 1–4 lists I/O pin leakage
current for Cyclone III devices.
T
J
Operating junction temperature
For commercial use
0
—
85
°C
For industrial use
–40
—
100
°C
For extended temperature
(5)
–40
—
125
°C
For automotive use
–40
—
125
°C
t
RAM P
Power supply ramp time
Standard power-on reset
(POR) (6)
50 µs
—
50 ms
—
Fast POR (7)
50 µs
—
3 ms
—
I
Diode
Magnitude of DC current across
PCI-clamp diode when enabled
——
—
10
mA
Notes to Table 1–3:
(1) VCCIO for all I/O banks must be powered up during device operation. All VCCA pins must be powered to 2.5 V (even when PLLs are not used), and
must be powered up and powered down at the same time.
(2) VCCD_PLL must always be connected to VCCINT through a decoupling capacitor and ferrite bead.
(3) The VCC must rise monotonically.
(4) All input buffers are powered by the VCCIO supply.
(5) The I7 devices support extended operating junction temperature up to 125°C (usual range is –40°C to 100°C). When using I7 devices at the
extended junction temperature ranging from –40°C to 125°C, select C8 as the target device when designing in the Quartus® II software. The I7
devices meet all C8 timing specifications when I7 devices operate beyond 100°C and up to 125°C.
(6) POR time for Standard POR ranges between 50–200 ms. Each individual power supply should reach the recommended operating range within
50 ms.
(7) POR time for Fast POR ranges between 3–9 ms. Each individual power supply should reach the recommended operating range within 3 ms.
Table 1–3. Cyclone III Devices Recommended Operating Conditions
(Note 1), (2) (Part 2 of 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 1–4. Cyclone III Devices I/O Pin Leakage Current (Note 1), (2)
(Part 1 of 2)
Symbol
Parameter
Conditions
Device
Min
Typ
Max
Unit
I
I
Input pin leakage current
V
I = 0 V to V
CCIOMAX
—–10
—
10
μA
I
OZ
Tristated I/O pin leakage
current
V
O = 0 V to V
CCIOMAX
—–10
—
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com