Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3C55 Datasheet(PDF) 29 Page - Altera Corporation

Part # EP3C55
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C55 Datasheet(HTML) 29 Page - Altera Corporation

Back Button EP3C55 Datasheet HTML 25Page - Altera Corporation EP3C55 Datasheet HTML 26Page - Altera Corporation EP3C55 Datasheet HTML 27Page - Altera Corporation EP3C55 Datasheet HTML 28Page - Altera Corporation EP3C55 Datasheet HTML 29Page - Altera Corporation EP3C55 Datasheet HTML 30Page - Altera Corporation EP3C55 Datasheet HTML 31Page - Altera Corporation EP3C55 Datasheet HTML 32Page - Altera Corporation EP3C55 Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Chapter 1: Cyclone III Device Data Sheet
1–29
Glossary
© January 2010
Altera Corporation
Cyclone III Device Handbook, Volume 2
R
R
L
Receiver differential input discrete resistor (external to Cyclone III devices).
Receiver Input
Waveform
Receiver Input Waveform for LVDS and LVPECL Differential Standards.
RSKM (Receiver
input skew
margin)
HIGH-SPEED I/O Block: The total margin left after accounting for the sampling window and TCCS.
RSKM = (TUI – SW – TCCS) / 2.
S
Single-ended
Voltage
referenced I/O
Standard
The JEDEC standard for SSTl and HSTL I/O standards defines both the AC and DC input signal
values. The AC values indicate the voltage levels at which the receiver must meet its timing
specifications. The DC values indicate the voltage levels at which the final logic state of the
receiver is unambiguously defined. After the receiver input crosses the AC value, the receiver
changes to the new logic state. The new logic state is then maintained as long as the input stays
beyond the DC threshold. This approach is intended to provide predictable receiver timing in the
presence of input waveform ringing.
SW (Sampling
Window)
HIGH-SPEED I/O Block: The period of time during which the data must be valid to capture it
correctly. The setup and hold times determine the ideal strobe position in the sampling window.
Table 1–39. Glossary (Part 3 of 5)
Letter
Term
Definitions
Single-Ended Waveform
Differential Waveform (Mathematical Function of Positive & Negative Channel)
Positive Channel (p) = V
IH
Negative Channel (n) = V
IL
Ground
V
ID
V
ID
0 V
V
CM
p
- n
V
ID
VIH(AC)
VIH(DC)
VREF
VIL(DC)
VIL(AC)
VOH
VOL
VCCIO
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com