Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3C80 Datasheet(PDF) 6 Page - Altera Corporation

Part # EP3C80
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C80 Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP3C80 Datasheet HTML 2Page - Altera Corporation EP3C80 Datasheet HTML 3Page - Altera Corporation EP3C80 Datasheet HTML 4Page - Altera Corporation EP3C80 Datasheet HTML 5Page - Altera Corporation EP3C80 Datasheet HTML 6Page - Altera Corporation EP3C80 Datasheet HTML 7Page - Altera Corporation EP3C80 Datasheet HTML 8Page - Altera Corporation EP3C80 Datasheet HTML 9Page - Altera Corporation EP3C80 Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
1–6
Chapter 1: Cyclone III Device Data Sheet
Electrical Characteristics
Cyclone III Device Handbook, Volume 2
© January 2010
Altera Corporation
I
CC INT0
V
CC INT supply current
(standby)
V
I = ground, no
load, no toggling
inputs, T
J =25°C
EP3C5
—
1.7
(3)
mA
EP3C10
—
1.7
mA
EP3C16
—
3.0
mA
EP3C25
—
3.5
mA
EP3C40
—
4.3
mA
EP3C55
—
5.2
mA
EP3C80
—
6.5
mA
EP3C120
—
8.4
mA
I
CC A0
V
CC A supply current
(standby)
V
I = ground, no load,
no toggling inputs,
T
J =25°C
EP3C5
—
11.3
(3)
mA
EP3C10
—
11.3
mA
EP3C16
—
11.4
mA
EP3C25
—
18.4
mA
EP3C40
—
18.6
mA
EP3C55
—
18.7
mA
EP3C80
—
18.9
mA
EP3C120
—
19.2
mA
I
CC D_PLL0
V
CC D_PLL supply current
(standby)
V
I = ground, no load,
no toggling inputs,
T
J =25°C
EP3C5
—
4.1
(3)
mA
EP3C10
—
4.1
mA
EP3C16
—
8.2
mA
EP3C25
—
8.2
mA
EP3C40
—
8.2
mA
EP3C55
—
8.2
mA
EP3C80
—
8.2
mA
EP3C120
—
8.2
mA
I
CC IO0
V
CC IO supply current
(standby)
V
I = ground, no load,
no toggling inputs,
T
J =25°C
EP3C5
—
0.6
(3)
mA
EP3C10
—
0.6
mA
EP3C16
—
0.9
mA
EP3C25
—
0.9
mA
EP3C40
—
1.3
mA
EP3C55
—
1.3
mA
EP3C80
—
1.3
mA
EP3C120
—
1.2
mA
Notes to Table 1–4:
(1) This value is specified for normal device operation. The value varies during device power-up. This applies for all V CCIO settings (3.3, 3.0, 2.5, 1.8,
1.5, and 1.2 V).
(2) 10
μA I/O leakage current limit is applicable when the internal clamping diode is off. A higher current can be the observed when the diode is on.
(3) Maximum values depend on the actual TJ and design utilization. For maximum values, refer to the Excel-based PowerPlay EPE
(www.altera.com/support/devices/estimator/cy3-estimator/cy3-power_estimator.html) or the Quartus II PowerPlay power analyzer feature. For
more information about power consumption, refer to “Power Consumption” on page 1–14 for more information.
Table 1–4. Cyclone III Devices I/O Pin Leakage Current (Note 1), (2)
(Part 2 of 2)
Symbol
Parameter
Conditions
Device
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com