Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP3C80 Datasheet(PDF) 17 Page - Altera Corporation

Part # EP3C80
Description  Cyclone III Device Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C80 Datasheet(HTML) 17 Page - Altera Corporation

Back Button EP3C80 Datasheet HTML 13Page - Altera Corporation EP3C80 Datasheet HTML 14Page - Altera Corporation EP3C80 Datasheet HTML 15Page - Altera Corporation EP3C80 Datasheet HTML 16Page - Altera Corporation EP3C80 Datasheet HTML 17Page - Altera Corporation EP3C80 Datasheet HTML 18Page - Altera Corporation EP3C80 Datasheet HTML 19Page - Altera Corporation EP3C80 Datasheet HTML 20Page - Altera Corporation EP3C80 Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Chapter 1: Cyclone III Device Data Sheet
1–17
Switching Characteristics
© January 2010
Altera Corporation
Cyclone III Device Handbook, Volume 2
Embedded Multiplier Specifications
Table 1–21 describes the embedded multiplier specifications for Cyclone III devices.
Memory Block Specifications
Table 1–22 describes the M9K memory block specifications for Cyclone III devices.
Configuration and JTAG Specifications
Table 1–23 lists the configuration mode specifications for Cyclone III devices.
Table 1–24 lists the active configuration mode specifications for Cyclone III devices.
Table 1–21. Cyclone III Devices Embedded Multiplier Specifications
Mode
Resources Used
Performance
Unit
Number of Multipliers
C6
C7, I7, A7
C8
9×9-bit
multiplier
1
340
300
260
MHz
18 × 18-bit
multiplier
1
287
250
200
MHz
Table 1–22. Cyclone III Devices Memory Block Performance Specifications
Memory
Mode
Resources Used
Performance
LEs
M9K
Memory
C6
C7, I7, A7
C8
Unit
M9K Block
FIFO 256 × 36
47
1
315
274
238
MHz
Single-port 256 × 36
0
1
315
274
238
MHz
Simple dual-port 256 × 36 CLK
0
1
315
274
238
MHz
True dual port 512 × 18 single CLK
0
1
315
274
238
MHz
Table 1–23. Cyclone III Devices Configuration Mode Specifications
Programming Mode
DCLK F
max
Unit
Passive Serial (PS)
133
MHz
Fast Passive Parallel (FPP) (1)
100
MHz
Note to Table 1–23:
(1) EP3C40 and smaller density members support 133 MHz.
Table 1–24. Cyclone III Devices Active Configuration Mode Specifications
Programming Mode
DCLK Range
Unit
Active Parallel (AP)
20 – 40
MHz
Active Serial (AS)
20 – 40
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com