Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32572 Datasheet(PDF) 7 Page - EPCOS

Part # B32572
Description  Film Capacitors Metallized Polyester Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32572 Datasheet(HTML) 7 Page - EPCOS

Back Button B32572 Datasheet HTML 3Page - EPCOS B32572 Datasheet HTML 4Page - EPCOS B32572 Datasheet HTML 5Page - EPCOS B32572 Datasheet HTML 6Page - EPCOS B32572 Datasheet HTML 7Page - EPCOS B32572 Datasheet HTML 8Page - EPCOS B32572 Datasheet HTML 9Page - EPCOS B32572 Datasheet HTML 10Page - EPCOS B32572 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Pulse handling capability
The capacitors are especially manufactured and tested to suit their intended applications.
Typical permissible load:
Lead spacing
15 and 22.5 mm
Max. rate of voltage rise Vpp/
τ
(at Vpp = 500 V)
200 V/
µs
Pulse characteristic k0
(at Vpp
≤ 500 V)
200 000 V2/
µs
Max. charging voltage Vch
(
≤1 s)
300 V DC
Max. voltage change Vpp
( at f = 100 kHz)
500 V
Unlimited number of pulses permitted.
Impedance Z versus frequency f
(typical values)
B32572, B32573
Ignition (stacked) SilverCapTM
Page 7 of 19
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com