Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32572 Datasheet(PDF) 5 Page - EPCOS

Part # B32572
Description  Film Capacitors Metallized Polyester Film Capacitors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32572 Datasheet(HTML) 5 Page - EPCOS

  B32572 Datasheet HTML 1Page - EPCOS B32572 Datasheet HTML 2Page - EPCOS B32572 Datasheet HTML 3Page - EPCOS B32572 Datasheet HTML 4Page - EPCOS B32572 Datasheet HTML 5Page - EPCOS B32572 Datasheet HTML 6Page - EPCOS B32572 Datasheet HTML 7Page - EPCOS B32572 Datasheet HTML 8Page - EPCOS B32572 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Ordering codes and packing units (lead spacing 22.5 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Special dimensions available on request.
For corresponding design rules, refer to chapter "General technical information", page .
Composition of ordering code
+ =
Capacitance tolerance code:
M =
±20%
K =
±10%
J =
±5%
250
160
0.68
5.6
× 9.2 × 24.0
B32573A3684+000
4720
1.0
6.4
× 11.8 × 24.0
B32573A3105+000
4200
1.5
7.6
× 14.3 × 24.0
B32573A3155+000
3720
2.2
8.9
× 17.4 × 24.0
B32573A3225+000
2240
B32573
Ignition (stacked) SilverCapTM
Page 5 of 19
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com