Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT2DC20S20 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HT2DC20S20
Description  HITAG 2 stick transponder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HT2DC20S20 Datasheet(HTML) 5 Page - NXP Semiconductors

  HT2DC20S20 Datasheet HTML 1Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 2Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 3Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 4Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 5Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 6Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 7Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 8Page - NXP Semiconductors HT2DC20S20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2001 Oct 01
5
Philips Semiconductors
Product specification
HITAG 2 stick transponder
HT2DC20S20
FUNCTIONAL DESCRIPTION
Memory organization
The memory of the transponder consists of 256 bits
EEPROM memory and is organized in 8 pages with 32 bits
each.
Depending on the operating mode the EEPROM is
organized as described in Table 1.
Table 1
Memory organization
Operating modes
With the configuration byte, the operating mode and the
access rights to the memory can be selected.
During power-up of the transponder the configuration byte
is read from the EEPROM of the transponder.
The HT2DC20S20 can operate in several modes:
• Crypto mode
Mode for writing or reading the transponder with
encrypted data transmission.
• Password mode
Mode for writing or reading the transponder with plain
data transmission.
• Public mode A (Manchester)
Read-only mode. The 64 bits of the user pages 4 and 5
are cyclically transmitted to the read and write device.
• Public mode B (biphase)
Read-only mode according to ISO standards 11784
and 11785 for animal identification. The 128 bits of the
user pages 4 to 7 are cyclically transmitted to the read
and write device.
• Public mode C (biphase)
Read-only mode emulating the read operation of the
PCF793X (with a slightly different program mode
check). In the public mode C the 128 bits of the user
pages 4 to 7 are cyclically transmitted to the read and
write device.
PAGE
CONTENT
Crypto mode
0
serial number
1
32 LSBs of 48-bit key
2
16 MSBs of 48-bit key; 16 bits reserved
3
8-bit configuration; 24-bit password TAG
4
read/write page
5
read/write page
6
read/write page
7
read/write page
Password mode
0
serial number
1
password RWD
2
reserved
3
8-bit configuration; 24-bit password TAG
4
read/write page
5
read/write page
6
read/write page
7
read/write page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com