Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7393 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7393
Description  Precision Silicon Oscillators with Enable or Autoenable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7393 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7393 Datasheet HTML 1Page - Maxim Integrated Products MAX7393 Datasheet HTML 2Page - Maxim Integrated Products MAX7393 Datasheet HTML 3Page - Maxim Integrated Products MAX7393 Datasheet HTML 4Page - Maxim Integrated Products MAX7393 Datasheet HTML 5Page - Maxim Integrated Products MAX7393 Datasheet HTML 6Page - Maxim Integrated Products MAX7393 Datasheet HTML 7Page - Maxim Integrated Products MAX7393 Datasheet HTML 8Page - Maxim Integrated Products MAX7393 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX7393/MAX7394 precision silicon oscillators
replace crystals, ceramic resonators, and crystal oscillator
modules in systems with a +2.4V to +3.6V operating sup-
ply voltage range.
The MAX7393/MAX7394 consist of a temperature-com-
pensated precision oscillator with enable (MAX7394) or
autoenable (MAX7393). The MAX7393/MAX7394 are sup-
plied at specific frequencies, just like crystals and res-
onators. Output frequency accuracy is guaranteed to be
within ±0.25% (TDFN) and ±1.3% (µDFN) (0°C to +85°C)
and ±1.0% (TDFN) and ±1.8% (µDFN) over the -40°C to
+125°C temperature range.
The small size and robust operation of the MAX7393/
MAX7394 make them ideal for space-constrained or envi-
ronmentally demanding applications where high accura-
cy is required. The high accuracy of the MAX7393/
MAX7394 is ideal for use in USB applications, computers,
and white goods.
The MAX7393/MAX7394 are available in 6-pin, 3mm x
3mm TDFN and 2mm x 2mm µDFN packages. They are
specified for the -40°C to +125°C temperature range.
Applications
Features
♦ ±0.25% (TDFN) and ±1.3% (µDFN) Total Accuracy
for 0°C to +85°C
♦ ±1.0% (TDFN) and ±1.8% (µDFN) Total Accuracy
for -40°C to +125°C
♦ Resistant to Humidity and Vibration
♦ 12mA Operating Current (48MHz Version)
♦ 5ns Output Rise/Fall Time
♦ 40% to 60% Maximum Duty Cycle
♦ No External Components Required
♦ +2.4V to +3.6V Operation
♦ Available Factory-Set Frequencies from 922kHz to
48MHz
♦ Space-Saving TDFN and µDFN Surface-Mount
Packages
Precision Silicon Oscillators with
Enable or Autoenable
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3876; Rev 0; 5/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART*
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX7393ALT_ _+
-40°C to +125°C
6 µDFN
L622-1
MAX7393ATT_ _+
-40°C to +125°C
6 TDFN
T633-1
MAX7394ALT_ _+
-40°C to +125°C
6 µDFN
L622-1
MAX7394ATT_ _+
-40°C to +125°C
6 TDFN
T633-1
*The two-letter frequency suffix following the part number is found
in the Selector Guide.
+Denotes lead-free package.
Note: The MAX7394 is available in factory-set frequencies from
922kHz to 48MHz. The MAX7393 is available in factory-set
frequencies from 922kHz to 20MHz. There are 10 standard
frequencies (see the Selector Guide) with a required 2.5k order
increment. Nonstandard frequencies are also available with a
required 10k order increment. For nonstandard versions,
contact factory for availability and ordering information.
USB
CAN Nodes
Automotive Systems
Computers
Handheld Products
White Goods
Selector Guide and Pin Configurations appear at end of
data sheet.
Typical Application Circuits
MAX7393
VCC2
2.4V TO 3.6V
6
2
3
GND
I.C.
VCC
1
µC
CLOCK
5
OSC1
CLKIN
4
OSC2
MAX7394
VCC2
2.4V TO 3.6V
6
2
3
ENABLE
GND
I.C.
VCC
1
µC
CLOCK
5
OSC1
OSC2
4


Similar Part No. - MAX7393

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7393ALT__+ MAXIM-MAX7393ALT__+ Datasheet
488Kb / 9P
Precision Silicon Oscillators with Enable or Autoenable
20214
MAX7393ATT__+ MAXIM-MAX7393ATT__+ Datasheet
488Kb / 9P
Precision Silicon Oscillators with Enable or Autoenable
20214
MAX7393 MAXIM-MAX7393_V01 Datasheet
488Kb / 9P
Precision Silicon Oscillators with Enable or Autoenable
20214
More results

Similar Description - MAX7393

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LQV-3M2768-3CGR ETC1-LQV-3M2768-3CGR Datasheet
739Kb / 3P
PRECISION CRYSTAL CLOCK OSCILLATORS
logo
Vishay Siliconix
XO-52 VISHAY-XO-52 Datasheet
89Kb / 3P
Half Size Clock Oscillators Enable/Disable
01-Jun-06
XO-523 VISHAY-XO-523 Datasheet
96Kb / 3P
Half Size Clock Oscillators Enable/Disable
01-Jun-06
XO-52 VISHAY-XO-52_07 Datasheet
95Kb / 3P
Half Size Clock Oscillators Enable/Disable
05-Mar-07
logo
Fox Electronics
F5C-2E3 FOX-F5C-2E3 Datasheet
169Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E3 FOX-H5C-2E3 Datasheet
60Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
logo
Vishay Siliconix
XO-523 VISHAY-XO-523_07 Datasheet
90Kb / 3P
Half Size Clock Oscillators Enable/Disable
05-Mar-07
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Nel Frequency Controls,...
B6-X142X NEL-B6-X142X Datasheet
108Kb / 3P
of quartz crystal oscillators provide enable/disable
logo
Maxim Integrated Produc...
MAX7393 MAXIM-MAX7393_V01 Datasheet
488Kb / 9P
Precision Silicon Oscillators with Enable or Autoenable
20214
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com