Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7393 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7393
Description  Precision Silicon Oscillators with Enable or Autoenable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7393 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7393 Datasheet HTML 1Page - Maxim Integrated Products MAX7393 Datasheet HTML 2Page - Maxim Integrated Products MAX7393 Datasheet HTML 3Page - Maxim Integrated Products MAX7393 Datasheet HTML 4Page - Maxim Integrated Products MAX7393 Datasheet HTML 5Page - Maxim Integrated Products MAX7393 Datasheet HTML 6Page - Maxim Integrated Products MAX7393 Datasheet HTML 7Page - Maxim Integrated Products MAX7393 Datasheet HTML 8Page - Maxim Integrated Products MAX7393 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Precision Silicon Oscillators with
Enable or Autoenable
_______________________________________________________________________________________
5
Pin Description
PIN
MAX7393
MAX7394
NAME
FUNCTION
11
VCC
Positive Supply Voltage Input. Bypass VCC to GND with 0.1µF capacitors placed as close to
the device as possible. Connect VCC to VCC2.
2
2
GND
Ground
3
3
I.C.
Internally Connected. Connect I.C. to GND. Do not connect I.C. to any other input or output.
Do not leave I.C. unconnected.
4
—
CLKIN
Clock Input. Connect CLKIN to a returned clock signal source (see the Autoenable (CLKIN,
MAX7393) section).
5
5
CLOCK
Clock Output. CLOCK is a rail-to-rail, push-pull output.
66
VCC2
Positive Supply Voltage Input for Output Driver. Bypass VCC2 to GND with a 0.1µF capacitor
placed as close to the device as possible. Connect VCC2 to VCC.
—
4
ENABLE
Enable Input. Drive ENABLE low to place the MAX7394 in shutdown mode. Drive ENABLE
high for normal operation.
——
EP
Exposed Paddle, TDFN Version Only. Connect EP to ground. Do not connect EP to any other
input or output.
MAX7394 SETTLING TIME FROM START
MAX7393 toc09
CLOCK
2V/div
ENABLE
2V/div
400
µs/div
CLOCK OUTPUT WAVEFORM
WITH CL = 10pF
MAX7393 toc10
CLOCK
1V/div
10ns/div
Typical Operating Characteristics (continued)
(VCC = VCC2 = 3.3V, TA = +25°C, MAX7394, 48MHz output, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com