Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1744 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1744
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1744 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1744 Datasheet HTML 5Page - Maxim Integrated Products DS1744 Datasheet HTML 6Page - Maxim Integrated Products DS1744 Datasheet HTML 7Page - Maxim Integrated Products DS1744 Datasheet HTML 8Page - Maxim Integrated Products DS1744 Datasheet HTML 9Page - Maxim Integrated Products DS1744 Datasheet HTML 10Page - Maxim Integrated Products DS1744 Datasheet HTML 11Page - Maxim Integrated Products DS1744 Datasheet HTML 12Page - Maxim Integrated Products DS1744 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS1744/DS1744P Y2K-Compliant, Nonvolatile Timekeeping RAMs
9 of 16
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V 10%, TA = Over the operating range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
ICC
30
mA
2, 3, 10
TTL Standby Current
( CE = VIH)
ICC1
2
mA
2, 3
CMOS Standby Current
( CE
 V
CC - 0.2V)
ICC2
2
mA
2, 3
Input Leakage Current (Any
Input)
IIL
-1
+1
A
Output Leakage Current
(Any Output)
IOL
-1
+1
A
Output Logic 1 Voltage
(IOUT = -1.0mA)
VOH
2.4
1
Output Logic 0 Voltage
(IOUT = +2.1mA)
VOL
0.4
1
Write Protection Voltage
VPF
2.80
2.97
V
1
Battery Switchover Voltage
VSO
VBAT
or
VPF
V
1, 4
AC CHARACTERISTICS—READ CYCLE (5V)
(VCC = 5.0V 10%, TA = Over the operating range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Read Cycle Time
tRC
70
ns
Address Access Time
tAA
70
ns
CE
to DQ Low-Z
tCEL
5
ns
CE
Access Time
tCEA
70
ns
CE
Data Off Time
tCEZ
25
ns
OE
to DQ Low-Z
tOEL
5
ns
OE
Access Time
tOEA
35
ns
OE
Data Off Time
tOEZ
25
ns
Output Hold from Address
tOH
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com