Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1744 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1744
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1744 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1744 Datasheet HTML 1Page - Maxim Integrated Products DS1744 Datasheet HTML 2Page - Maxim Integrated Products DS1744 Datasheet HTML 3Page - Maxim Integrated Products DS1744 Datasheet HTML 4Page - Maxim Integrated Products DS1744 Datasheet HTML 5Page - Maxim Integrated Products DS1744 Datasheet HTML 6Page - Maxim Integrated Products DS1744 Datasheet HTML 7Page - Maxim Integrated Products DS1744 Datasheet HTML 8Page - Maxim Integrated Products DS1744 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS1744/DS1744P Y2K-Compliant, Nonvolatile Timekeeping RAMs
2 of 16
PIN DESCRIPTION
PIN
EDIP
PowerCap
NAME
FUNCTION
1
32
A14
2
30
A12
3
25
A7
4
24
A6
5
23
A5
6
22
A4
7
21
A3
8
20
A2
9
19
A1
10
18
A0
21
28
A10
23
29
A11
24
27
A9
25
26
A8
26
31
A13
Address Input
11
16
DQ0
12
15
DQ1
13
14
DQ2
15
13
DQ3
16
12
DQ4
17
11
DQ5
18
10
DQ6
19
9
DQ7
Data Input/Output
14
17
GND
Ground
20
8
CE
Active-Low Chip-Enable Input
22
7
OE
Active-Low Output-Enable Input
27
6
WE
Active-Low Write-Enable Input
28
5
VCC
Power-Supply Input
4
RST
Active-Low Reset Output, Open Drain. Requires a pullup resistor for
proper operation.
1, 2, 3, 33,
34
N.C.
No Connection
X1, X2,
VBAT
Crystal Connections, VBAT Battery Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com