Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM7580SC Datasheet(PDF) 4 Page - International Rectifier

Part # OM7580SC
Description  10-bit 70 MSPS 6 Channel Imaging Signal Processor withLVDS Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7580SC Datasheet(HTML) 4 Page - International Rectifier

  OM7580SC Datasheet HTML 1Page - International Rectifier OM7580SC Datasheet HTML 2Page - International Rectifier OM7580SC Datasheet HTML 3Page - International Rectifier OM7580SC Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.irf.com
OM7580SC
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR LEOMINSTER: 205 Crawford St., Leominster, Massachusetts 01453, Tel: (978) 534-5776
Data and specifications subject to change without notice.
08/03
Case Outline and Dimensions
— MO-078AA
Layout Consideration
It is recommended that output capacitors be located as close as possible to the V
OUT
terminal of the
device to prevent any high frequency oscillation that may result due to excessive stray inductance.
Specfications for capacitors: 330
µF Tantalum Low ESR, 220µF Electrolytic, 22µF Electrolytic
Fig 5: Typical Application
1 2 3 4 5
Pin Assignment
Pin #
Pin Description
1SENSE
2
ADJUST
3
VOUT
4
VCTRL
5
VPWR
V
OUT = 1.25V(1 + (R2/R1)) + IADJ(R2)
I
ADJ
= 50uA @ 25°C
OM7580
VOUT
Pin1
3.3V
0.1uF
1uF ( x5 )
VPOWER
VCONTROL
0.1uF
5V
ADJ
R1
R2
Sense
22uF
0.1uF
220uF
1uF ( x5 )
330uF
Pin2
Pin3
Pin4
Pin5
Part Numbering Nomenclature
OM
7580
S
C
X
Omnirel
Device
S=Isolated
Package
Screening



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com