Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM7580SC Datasheet(PDF) 1 Page - International Rectifier

Part # OM7580SC
Description  10-bit 70 MSPS 6 Channel Imaging Signal Processor withLVDS Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7580SC Datasheet(HTML) 1 Page - International Rectifier

  OM7580SC Datasheet HTML 1Page - International Rectifier OM7580SC Datasheet HTML 2Page - International Rectifier OM7580SC Datasheet HTML 3Page - International Rectifier OM7580SC Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultra Low Dropout, 7.0A
Adjustable Positive Linear Regulator
5962 - 0323701MYA
Thru-Hole (MO-078AA)
www.irf.com
1
08/06/03
MO-078AA
OM7580SC
Description
Product Summary
Part Number
Output Voltage
Current
Dropout
OM7580SC
+1.5V to +5.5V
7.0A
0.54V
Features:
■ Dropout Voltage of 540mV at Full Load
■ Dropout Voltage of 100mV at Light Loads
■ Fast Transient Response
■ Adjustable Output: 1.8 to 5.5V
■ Remote Sense
■ Hermetic MO-078AA Package ensures
High Reliability
The OM7580SC is a 7.0A, ultra low dropout, adjust-
able linear regulator specifically designed for low
voltage, high current applications. Housed in a her-
metic package, the dropout of this device is 540mV
at full load and as low a 100mV at light loads. The
low dropout is achieved by an additional low cur-
rent input voltage. This unit is ideally suited for mili-
tary/defense, commercial aircraft, industrial control
and other harsh environments where a hermetically
sealed package is required.
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Output Currrent
IO
7.0
A
Power Input Voltage
VPWR
6.0
Control Input Voltage
VCTRL
13
Power Dissipation @ Tc = 25°C
PD
20
W
Thermal Resistance, Junction to Case
RθJC
5.0
°C/W
Operating Junction Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTG
-65 to +150
°C
Lead Temperature Soldering (10second maximum)
TL
300
V
PD - 94743


Similar Part No. - OM7580SC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7580SM IRF-OM7580SM Datasheet
66Kb / 4P
Ultra Low Dropout, 7.0 A Adjustable Positive Linear Regulator Surface-Mount (SMD-6)
OM7580SMX IRF-OM7580SMX Datasheet
66Kb / 4P
Ultra Low Dropout, 7.0 A Adjustable Positive Linear Regulator Surface-Mount (SMD-6)
More results

Similar Description - OM7580SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98501 NSC-LM98501 Datasheet
490Kb / 24P
10-Bit, 27 MSPS Camera Signal Processor
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
Imaging/Signal Processor
logo
Analog Devices
AD9821 AD-AD9821 Datasheet
277Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV.0
logo
National Semiconductor ...
LM98503 NSC-LM98503 Datasheet
203Kb / 25P
10-Bit, 18 MSPS Camera Signal Processor
LM98519 NSC-LM98519 Datasheet
150Kb / 6P
10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
logo
Analog Devices
ADDI7006BSUZ AD-ADDI7006BSUZ Datasheet
67Kb / 2P
6-Channel, 10-Bit, 40 MSPS CCD Signal Processor
Rev. SpA
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
logo
Texas Instruments
LM98519 TI1-LM98519 Datasheet
661Kb / 57P
10-bit 65 MSPS 6 Channel Imaging Signal Processor
LM98620 TI1-LM98620 Datasheet
887Kb / 69P
10-Bit 70 MSPS 6 Channel Imaging Signal Processor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com