Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK5 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AXK5
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AXK5 Datasheet HTML 2Page - Panasonic Semiconductor AXK5 Datasheet HTML 3Page - Panasonic Semiconductor AXK5 Datasheet HTML 4Page - Panasonic Semiconductor AXK5 Datasheet HTML 5Page - Panasonic Semiconductor AXK5 Datasheet HTML 6Page - Panasonic Semiconductor AXK5 Datasheet HTML 7Page - Panasonic Semiconductor AXK5 Datasheet HTML 8Page - Panasonic Semiconductor AXK5 Datasheet HTML 9Page - Panasonic Semiconductor AXK5 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AXK(5(S)/6(S))
• Header
Dimension table (mm)
No. of contacts
A
B
20
8.20
4.50
22
8.70
5.00
30
10.70
7.00
34
11.70
8.00
40
13.20
9.50
50
15.70
12.00
60
18.20
14.50
70
20.70
17.00
80
23.20
19.50
100
28.20
24.50
120
33.20
29.50
General tolerance:
±0.2
0.5
±0.05
0.5
±0.05
B
±0.1
0.2
±0.03
A
1.44
Suction
face
3.8
(1.4)
(1.4)
1.8
4.6
C
D
0.20
±0.03
0.1
(Terminal flatness)
Mated height
C
D
3.0 mm
2.4
0.85
3.5 mm
2.9
1.35
CAD Data
• Socket and header are mated
A
+0.2
–0.1
Mated height
A
3.0 mm
3.0
3.5 mm
3.5
Note) P5KS series (mated heights 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm, 7.0mm, 8.0mm, and 9.0mm) cannot be mated to this type.
P5KS: Mated height 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm, 7.0mm, 8.0mm, 9.0mm type
• Socket
Dimension table (mm)
No. of contacts
A
B
20
8.20
4.50
24
9.20
5.50
30
10.70
7.00
34
11.70
8.00
36
12.20
8.50
40
13.20
9.50
50
15.70
12.00
60
18.20
14.50
70
20.70
17.00
80
23.20
19.50
100
28.20
24.50
General tolerance:
±0.2
;
;;
;
;
;
;;
A
B
±0.1
0.50
±0.05
1.82
(Suction face)
4.6
0.50
±0.05
0.20
±0.03
0.10
3.20
5.4
(1.10)
(1.10)
C
0.15
±0.03
Mated height
C
4.0 mm, 5.0 mm, 6.0 mm
3.05
4.5 mm, 5.5 mm, 6.5 mm
3.55
7.0 mm, 8.0 mm, 9.0 mm
6.05
CAD Data
• Header
Dimension table (mm)
No. of contacts
A
B
20
8.20
4.50
24
9.20
5.50
30
10.70
7.00
34
11.70
8.00
36
12.20
8.50
40
13.20
9.50
50
15.70
12.00
60
18.20
14.50
70
20.70
17.00
80
23.20
19.50
100
28.20
24.50
General tolerance:
±0.2
0.10
B
±0.1
A
0.20
±0.03
0.50
±0.05
0.50
±0.05
0.20
±0.03
D
C
Mated height
C
D
4.0 mm, 4.5 mm, 7.0 mm
0.95
3.3
5.0 mm, 5.5 mm, 8.0 mm
1.95
4.3
6.0 mm, 6.5 mm, 9.0 mm
2.95
5.3
CAD Data
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com