Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXK5 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AXK5
Description  NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXK5 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AXK5 Datasheet HTML 2Page - Panasonic Semiconductor AXK5 Datasheet HTML 3Page - Panasonic Semiconductor AXK5 Datasheet HTML 4Page - Panasonic Semiconductor AXK5 Datasheet HTML 5Page - Panasonic Semiconductor AXK5 Datasheet HTML 6Page - Panasonic Semiconductor AXK5 Datasheet HTML 7Page - Panasonic Semiconductor AXK5 Datasheet HTML 8Page - Panasonic Semiconductor AXK5 Datasheet HTML 9Page - Panasonic Semiconductor AXK5 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AXK(5(S)/6(S))
• Socket and header are mated
Note) P5K series (mated heights 3.0mm, 3.5mm)
cannot be mated to this type.
A
+0.2
–0.1
Mated height
A
4.0 mm
4.0
4.5 mm
4.5
5.0 mm
5.0
5.5 mm
5.5
6.0 mm
6.0
6.5 mm
6.5
7.0 mm
7.0
8.0 mm
8.0
9.0 mm
9.0
P5KS: Mated height 4.0mm, 4.5mm for 120 contacts and 160 contacts types, 6.5mm for 130 contacts type
• Socket
No. of contacts
A
B
C
120
32.50
29.50
32.00
130
35.00
32.00
34.50
160
42.50
39.50
42.00
General tolerance:
±0.2
0.50
±0.05
0.20
±0.03
B
±0.1
A
4.6
C
±0.1
0.50
±0.05 dia.
3.00
±0.08
0.10
Terminal flatness
0.15±0.03
D
0.45
(1.10)
(1.10)
5.4
3.20
Mated height
D
4.0 mm
3.05
4.5 mm, 6.5 mm
3.55
CAD Data
• Header
No. of contacts
A
B
C
120
32.50
29.50
31.00
130
35.00
32.00
33.50
160
42.50
39.50
41.00
General tolerance:
±0.2
0.10
A
B
±0.10
0.50
±0.05
0.20
±0.03
D
E
Note 1)
0.20
±0.03
C
±0.10
0.50
±0.05 dia.
Mated height
D
E
4.0 mm, 4.5 mm
3.30
0.95
6.5 mm
5.30
2.95
CAD Data
• Socket and header are mated
Notes) 1. Inquiry separately for diagrams of the
embossed tape and cautions for use.
2. Be sure to ask for proper specifications and
drawings before actual use.
H+0.2
−0.1
Mated height
H
4.0 mm
4.0
4.5 mm
4.5
6.5 mm
6.5
panasonic-electric-works.net/ac



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com