Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901MEP Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2901MEP
Description  Low Power Low Offset Voltage Quad Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2901MEP Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2901MEP Datasheet HTML 1Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 2Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 3Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 4Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 5Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 6Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 7Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 8Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
+
36 V
DC or ±18 VDC
Differential Input Voltage (Note 12)
36 V
DC
Input Voltage
−0.3 V
DC to +36 VDC
Input Current (V
IN<−0.3 VDC),
(Note 7)
50 mA
Power Dissipation (Note 5)
Molded DIP
1050 mW
Small Outline Package
760 mW
Output Short-Circuit to GND,
(Note 6)
Continuous
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 seconds)
260˚C
Operating Temperature Range
LM2901
−40˚C to +85˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
ESD rating (1.5 k
Ω in series with 100 pF)
600V
Electrical Characteristics (Note 14)
(V
+ =5V
DC,TA = 25˚C, unless otherwise stated)
Parameter
Conditions
LM2901
Units
Min
Typ
Max
Input Offset Voltage
(Note 13)
2.0
7.0
mV
DC
Input Bias Current
I
IN(+) or IIN(−) with Output in
25
250
nA
DC
Linear Range, (Note 9), V
CM=0V
Input Offset Current
I
IN(+)−IIN(−),VCM = 0V
5
50
nA
DC
Input Common-Mode
V
+ =30V
DC
0V
+−1.5
V
DC
Voltage Range
(Note 10)
Supply Current
R
L = ∞ on all Comparators,
0.8
2.0
mA
DC
R
L = ∞,V
+ = 36V,
1.0
2.5
mA
DC
Voltage Gain
R
L
≥ 15 kΩ,V+ =15V
DC
25
100
V/mV
V
O =1VDC to 11 VDC
Large Signal
V
IN = TTL Logic Swing, VREF =
300
ns
Response Time
1.4 V
DC,VRL =5VDC,
R
L = 5.1 k
Ω,
Response Time
V
RL =5VDC,RL = 5.1 k
Ω,
1.3
µs
(Note 11)
Output Sink Current
V
IN(−)=1VDC,VIN(+) = 0,
6.0
16
mA
DC
V
O
≤ 1.5 V
DC
Saturation Voltage
V
IN(−) =1VDC,VIN(+) = 0,
250
400
mV
DC
I
SINK
≤ 4mA
Output Leakage
V
IN(+) =1VDC,VIN(−) = 0,
0.1
nA
DC
Current
V
O =5VDC
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com