Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901MEP Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2901MEP
Description  Low Power Low Offset Voltage Quad Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2901MEP Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2901MEP Datasheet HTML 1Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 2Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 3Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 4Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 5Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 6Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 7Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 8Page - National Semiconductor (TI) LM2901MEP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM2901EP
Low Power Low Offset Voltage Quad Comparators
General Description
The LM2901EP consists of four independent precision volt-
age comparators with an offset voltage specification as low
as 2 mV max for all four comparators. These were designed
specifically to operate from a single power supply over a
wide range of voltages. Operation from split power supplies
is also possible and the low power supply current drain is
independent of the magnitude of the power supply voltage.
This comparator also has a unique characteristic in that the
input common-mode voltage range includes ground, even
though operated from a single power supply voltage.
Application areas include limit comparators, simple analog to
digital converters; pulse, squarewave and time delay gen-
erators; wide range VCO; MOS clock timers; multivibrators
and high voltage digital logic gates. The LM2901EP was
designed to directly interface with TTL and CMOS. When
operated from both plus and minus power supplies, it will
directly interface with MOS logic — where the low power
drain of the LM2901EP is a distinct advantage over standard
comparators.
ENHANCED PLASTIC
•
Extended Temperature Performance of −40˚C to +85˚C
•
Baseline Control - Single Fab & Assembly Site
•
Process Change Notification (PCN)
•
Qualification & Reliability Data
•
Solder (PbSn) Lead Finish is standard
•
Enhanced Diminishing Manufacturing Sources (DMS)
Support
Features
n
Wide supply voltage range
n
LM2901:
2 to 36 V
DC or ±1to ±18 VDC
n
Very low supply current drain (0.8 mA) — independent
of supply voltage
n
Low input biasing current:
25 nA
n
Low input offset current:
±5nA
n
Offset voltage:
±3mV
n
Input common-mode voltage range includes GND
n
Differential input voltage range equal to the power
supply voltage
n
Low output saturation voltage:
250 mV at 4 mA
n
Output voltage compatible with TTL, DTL, ECL, MOS
and CMOS logic systems
Advantages
n
High precision comparator
n
Reduced V
OS drift over temperature
n
Eliminates need for dual supplies
n
Allows sensing near GND
n
Compatible with all forms of logic
n
Power drain suitable for battery operation
Applications
n
Selected Military Applications
n
Selected Avionics Applications
Ordering Information
PART NUMBER
VID PART NUMBER
NS PACKAGE NUMBER (Note 3)
LM2901MEP
V62/04743-01
M14A
(Notes 1, 2)
TBD
TBD
Note 1: For the following (Enhanced Plastic) version, check for availability: - LM2901MXEP, LM2901NEP. Parts listed with an "X" are provided in Tape
& Reel and parts without an "X" are in Rails.
Note 2: FOR ADDITIONAL ORDERING AND PRODUCT INFORMATION, PLEASE VISIT THE ENHANCED PLASTIC WEB SITE AT: www.national.com/
mil
Note 3: Refer to package details under Physical Dimensions
January 2005
© 2005 National Semiconductor Corporation
DS201139
www.national.com


Similar Part No. - LM2901MEP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2901M NSC-LM2901M Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
Fairchild Semiconductor
LM2901M FAIRCHILD-LM2901M Datasheet
86Kb / 8P
Quad Comparator
logo
Texas Instruments
LM2901M TI1-LM2901M Datasheet
2Mb / 28P
Low-Power Low-Offset Voltage Quad Comparators
LM2901M TI1-LM2901M Datasheet
2Mb / 28P
Low-Power Low-Offset Voltage Quad Comparators
LM2901M/NOPB TI1-LM2901M/NOPB Datasheet
2Mb / 28P
Low-Power Low-Offset Voltage Quad Comparators
More results

Similar Description - LM2901MEP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
Low Power Low Offset Voltage Quad Comparators
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
Low Power Low Offset Voltage Quad Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com