Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX811 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APX811
Description  4-Pin Microprocessor Supervisor With Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX811 Datasheet(HTML) 5 Page - Diodes Incorporated

  APX811 Datasheet HTML 1Page - Diodes Incorporated APX811 Datasheet HTML 2Page - Diodes Incorporated APX811 Datasheet HTML 3Page - Diodes Incorporated APX811 Datasheet HTML 4Page - Diodes Incorporated APX811 Datasheet HTML 5Page - Diodes Incorporated APX811 Datasheet HTML 6Page - Diodes Incorporated APX811 Datasheet HTML 7Page - Diodes Incorporated APX811 Datasheet HTML 8Page - Diodes Incorporated APX811 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
APX811/812
4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
5 of 10
OCTOBER 2009
DS31960
www.diodes.com
© Diodes Incorporated
Switching Characteristics
(TA=25
oC)
Symbol
Parameter
Test Conditions
Min
Typ. Max Unit
td
Delay Time
APX811/812
VCC> Vth-+0.2V,
See timing diagram
140
200
280
ms
MR to RESET
delay (APX811/812)
VCC> Vth-+0.2V,
VIL=0.3× VCC,
VIH=0.7× VCC
-
-
0.1
µs
tPHL
Propagation (Delay) Time,
High-to-low-level Output
VCC to RESET delay
VIL= Vth--0.2V,
VIH= Vth-+0.2V
-
-
25
µs
MR
to RESET delay
(APX811/812)
VCC> Vth-+0.2V,
VIL=0.3× VCC,
VIH=0.7× VCC
-
-
0.1
µs
tPLH
Propagation (Delay) Time,
Low-to-high-level Output
VCC to RESET delay
(APX811/812)
VIL= Vth--0.2V,
VIH= Vth-+0.2V
-
-
25
µs
Timing Diagram
Vth
Vth
/RESET
Vth
RESET
td
Vcc
RESET vs. Vcc Timing Diagram
td
td
td
/MR
Vcc
Vth
/RESET
RESET vs. /MR Timing Diagram
td
td



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com