Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX811 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APX811
Description  4-Pin Microprocessor Supervisor With Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX811 Datasheet(HTML) 1 Page - Diodes Incorporated

  APX811 Datasheet HTML 1Page - Diodes Incorporated APX811 Datasheet HTML 2Page - Diodes Incorporated APX811 Datasheet HTML 3Page - Diodes Incorporated APX811 Datasheet HTML 4Page - Diodes Incorporated APX811 Datasheet HTML 5Page - Diodes Incorporated APX811 Datasheet HTML 6Page - Diodes Incorporated APX811 Datasheet HTML 7Page - Diodes Incorporated APX811 Datasheet HTML 8Page - Diodes Incorporated APX811 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
APX811/812
4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
1 of 10
OCTOBER 2009
DS31960
www.diodes.com
© Diodes Incorporated
•
Precision Monitor of(2.5V/3.0V/3.3V/5.0V) power
supply voltage
•
Full specified over temperature
•
Manual reset input
•
Available in four output configuration
•
Push-pull RESET Active low(APX811)
•
Push-pull RESET Active high(APX812)
•
Power-on reset generator with fixed delay time 200ms
•
SOT143: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
The APX811/812 are used for microprocessor supervisory circuit
to monitor the power supplies in These circuit perform a single
function: they assert a reset signal whenever the Vcc supply
voltage declines below a preset threshold, keeping it asserted for
at least 240ms after Vcc has risen above the reset threshold.
Reset thresholds suitable for operation with a variety of supply
voltages are available. The APX811/812 have push-pull outputs.
The APX811 has an active low RESET
output, while the
APX812 has an active high RESET output.
The APX811/812 devices incorporate a manual reset input,
MR .
A low level at
MR causes RESET to become active.
The APX811/2 are targeted at 2.5V, 3V, 3.3V and 5V powered
systems and are available with different threshold voltages to
meet the exact needs of the system. They are available in the
space saving SOT143 package and operate over the whole
industrial temperature range, -40 to 85°C.
•
Computers
•
Controllers
•
Intelligent Instruments
•
Critical uP and UC power Monitoring
•
Portable/Battery powered Equipment
•
Automotive
Typical Application Circuit
Vcc
MCU
MR
RESET
(RESET)
RESET Input
GND
APX811/APX812
Vcc
GND
Vcc
(Manual Reset)
Push Botton
Features
General Description
Applications


Similar Part No. - APX811

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
Tiny microprocessor supervisors with manual reset
APX811-23UG-7 DIODES-APX811-23UG-7 Datasheet
223Kb / 2P
Tiny microprocessor supervisors with manual reset
APX811-26UG-7 DIODES-APX811-26UG-7 Datasheet
223Kb / 2P
Tiny microprocessor supervisors with manual reset
APX811-29UG-7 DIODES-APX811-29UG-7 Datasheet
223Kb / 2P
Tiny microprocessor supervisors with manual reset
APX811-31UG-7 DIODES-APX811-31UG-7 Datasheet
223Kb / 2P
Tiny microprocessor supervisors with manual reset
More results

Similar Description - APX811

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP811 IMP-IMP811 Datasheet
140Kb / 8P
4-pin 關P Voltage Supervisor with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
4 Pin P Voltage Supervisor with Manual Reset
logo
Maxim Integrated Produc...
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com