Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP6N50D2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP6N50D2
Description  Depletion Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP6N50D2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP6N50D2 Datasheet HTML 1Page - IXYS Corporation IXTP6N50D2 Datasheet HTML 2Page - IXYS Corporation IXTP6N50D2 Datasheet HTML 3Page - IXYS Corporation IXTP6N50D2 Datasheet HTML 4Page - IXYS Corporation IXTP6N50D2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXTA6N50D2 IXTP6N50D2
IXTH6N50D2
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 30V, ID = 3A, Note 1
2.8
4.5
S
C
iss
2800
pF
C
oss
V
GS = -10V, VDS = 25V, f = 1MHz
255
pF
C
rss
64
pF
t
d(on)
28
ns
t
r
72
ns
t
d(off)
82
ns
t
f
43
ns
Q
g(on)
96
nC
Q
gs
V
GS = 5V, VDS = 250V, ID = 3A
11
nC
Q
gd
48
nC
R
thJC
0.41
°C/W
R
thCS
TO-220
0.50
°C/W
TO-247
0.21
°C/W
Safe-Operating-Area Specification
Characteristic Values
Symbol
Test Conditions
Min.
Typ.
Max.
SOA
V
DS = 400V, ID = 0.45A, TC = 75°C, Tp = 5s
180
W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
SD
I
F = 6A, VGS = -10V, Note 1
0.8
1.3
V
t
rr
350
ns
I
RM
16
A
Q
RM
2.8
μC
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Resistive Switching Times
V
GS = ±5V, VDS = 250V, ID = 3A
R
G = 2.4Ω (External)
Pins: 1 - Gate
2 - Drain
3 - Source
4 - Drain
TO-220 (IXTP) Outline
I
F = 3A, -di/dt = 100A/μs
V
R = 100V, VGS = -10V
TO-263 (IXTA) Outline
1. Gate
2. Drain
3. Source
4. Drain
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.40
0.74
.016
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.280
.320
E
9.65
10.41
.380
.405
E1
6.22
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
TO-247 (IXTH) AD Outline
1 = Gate
2 = Drain
3 = Source



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com