Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP6N50D2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP6N50D2
Description  Depletion Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP6N50D2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP6N50D2 Datasheet HTML 1Page - IXYS Corporation IXTP6N50D2 Datasheet HTML 2Page - IXYS Corporation IXTP6N50D2 Datasheet HTML 3Page - IXYS Corporation IXTP6N50D2 Datasheet HTML 4Page - IXYS Corporation IXTP6N50D2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXTA6N50D2 IXTP6N50D2
IXTH6N50D2
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Fig. 7. Normalized RDS(on) vs. Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS= 0V
I D = 3A
Fig. 8. RDS(on) Normalized to ID = 3A Value
vs. Drain Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
02
46
8
10
12
14
16
18
20
ID - Amperes
VGS = 0V
5V - - - -
TJ = 125ºC
TJ = 25ºC
Fig. 9. Input Admittance
0
2
4
6
8
10
12
14
16
18
20
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
VGS - Volts
TJ = 125ºC
25ºC
- 40ºC
VDS= 30V
Fig. 10. Transconductance
0
2
4
6
8
10
12
0
2
4
6
8
10
1214
161820
ID - Amperes
TJ = - 40ºC
25ºC
125ºC
VDS= 30V
Fig. 12. Forward Voltage Drop of
Intrinsic Diode
0
2
4
6
8
10
12
14
16
18
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VSD - Volts
TJ = 125ºC
VGS= -10V
TJ = 25ºC
Fig. 11. Breakdown and Threshold Voltages
vs. Junction Temperature
0.8
0.9
1.0
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS(off) @ VDS = 25V
BVDSX @ VGS = - 5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com