Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPF Datasheet(PDF) 75 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 75 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 71Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 72Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 73Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 74Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 75Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 76Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 77Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 78Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 79Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
75
19. Chip Select Function Description
The chip select module generates a chip select signals, which are used to facilitate connections to external
memory devices. The MB90480B/485B series has four chip select output pins, each having a chip select area
register setting that specifies the corresponding hardware area and select signal that is output when access to
the corresponding external address is detected.
• Chip select function features
The chip select function uses two 8-bit registers for each output pin. One of these registers (CARx) is able to
detect memory areas in 64 Kbytes units by specifying the upper 8-bit of the address for match detection. The
other register (CMRx) can be used to expand the detection area beyond 64 Kbytes by masking bits for match
detection.
Note that during external bus holds, the CS output is set to high impedance.
(1) Register List
Chip select area mask registers (CMRx)
Chip select area registers (CARx)
Chip select control register (CSCR)
Chip select active level register (CALR)
0000C0H
0000C2H
0000C4H
0000C6H
Read/write
Initial value
0000C1H
0000C3H
0000C5H
0000C7H
Read/write
Initial value
0000C8H
Read/write
Initial value
0000C9H
Read/write
Initial value
CMR1
CMR0
CAR0
R/W
R/W
CAR1
15
0
CMR3
CMR2
CAR2
R/W
R/W
CAR3
CSCR
R/W
CALR
87
R/W
0
R/W
0
R/W
0
R/W
1
R/W
1
R/W
1
R/W
1
76
5
4
3
2
1
0
M6
R/W
0
M7
M5
M4
M3
M2
M1
M0
R/W
1
R/W
1
R/W
1
R/W
1
R/W
1
R/W
1
R/W
1
15
14
13
12
11
10
9
8
A6
R/W
1
A7
A5
A4
A3
A2
A1
A0
⎯
⎯
⎯
⎯
⎯
⎯
R/W
0
R/W
0
R/W
0
R/W
*
76
5
4
3
2
1
0
⎯
⎯
⎯
⎯⎯
⎯
OPL3
OPL2
OPL1
OPL0
⎯
⎯
⎯
⎯
⎯
⎯
R/W
0
R/W
0
R/W
0
R/W
0
15
14
13
12
11
10
9
8
⎯
⎯
⎯
⎯⎯
⎯
ACTL3
ACTL2
ACTL1
ACTL0
* : The initial value of this bit is “1” or “0”.
The value depends on the mode pin (MD2, MD1 and MD0) .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com