Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPF Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB90F482BPF Datasheet HTML 1Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 2Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 3Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 4Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 5Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 6Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 7Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 8Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2002-2010 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2010.7
The information for microcontroller supports is shown in the following homepage.
Be sure to refer to the "Check Sheet" for the latest cautions on development.
"Check Sheet" is seen at the following support page
"Check Sheet" lists the minimal requirement items to be checked to prevent problems beforehand in
system development.
http://edevice.fujitsu.com/micom/en-support/
16-bit Microcontroller
CMOS
F2MC-16LX MB90480B/485B Series
MB90F481B/F482B/487B/488B/483C
MB90F488B/F489B/V480B/V485B
■ DESCRIPTION
The MB90480B/485B series is a 16-bit general-purpose FUJITSU SEMICONDUCTOR microcontroller designed
for process control in consumer devices and other applications requiring high-speed real-time processing.
The F2MC-16LX CPU core instruction set retains the AT architecture of the F2MC*1 family, with additional instruc-
tions for high-level languages, expanded addressing mode, enhanced multiply-drive instructions, and complete
bit processing. In addition, a 32-bit accumulator is provided to enable long-word processing.
The MB90480B/485B series features embedded peripheral resources including 8/16-bit PPG, expanded I/O serial
interface, UART, 10-bit A/D converter, 16-bit I/O timer, 8/16-bit up/down-counter, PWC timer, I2C interface, DTP/
external interrupt, chip select, and 16-bit reload timer.
*1 : F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
•Clock
Minimum instruction execution time: 40.0 ns/6.25 MHz base frequency multiplied
× 4 (25 MHz internal operating
frequency/3.3 V
± 0.3 V)
62.5 ns/4 MHz base frequency multiplied
× 4 (16 MHz internal operating
frequency/3.0 V
± 0.3 V) PLL clock multiplier
• Maximum memory space: 16 Mbytes
(Continued)
DS07-13722-11E


Similar Part No. - MB90F482BPF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90F482BPF FUJITSU-MB90F482BPF Datasheet
629Kb / 124P
16-bit Microcontroller
More results

Similar Description - MB90F482BPF

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DP512MPVE FREESCALE-MC9S12DP512MPVE Datasheet
419Kb / 14P
16-Bit Microcontroller
logo
InnovASIC, Inc
IA186XL INNOVASIC-IA186XL Datasheet
1Mb / 75P
16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com