Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPF Datasheet(PDF) 105 Page - fujitsu semiconductor

Part # MB90F482BPF
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPF Datasheet(HTML) 105 Page - fujitsu semiconductor

Back Button MB90F482BPF Datasheet HTML 101Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 102Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 103Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 104Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 105Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 106Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 107Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 108Page - fujitsu semiconductor MB90F482BPF Datasheet HTML 109Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
105
(13) I2C Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = − 40 °C to + 85 °C)
*1 : fCP is internal operation clock frequency. Refer to “ (1) Clock Timing”.
*2 : R,C : Pull-up resistor and load capacitor of the SCL and SDA lines.
*3 : The maximum tHDDAT only has to be met if the device does not stretch the “L” width (tLOW) of the SCL signal.
*4 : Refer to “
• Note of SDA and SCL set-up time”.
Note : VCC
= VCC3 = VCC5
Parameter
Symbol
Condition
Standard-mode
Unit
Min
Max
SCL clock frequency
fSCL
When power supply voltage of
external pull-up resistance is 5.5 V
R
= 1.3 kΩ, C = 50 pF*2
When power supply voltage of
external pull-up resistance is 3.6 V
R
= 1.6 kΩ, C = 50 pF*2
0
100
kHz
Hold time (repeated) START condition
SDA
↓ → SCL↓
tHDSTA
4.0
⎯μs
“L” width of the SCL clock
tLOW
4.7
⎯μs
“H” width of the SCL clock
tHIGH
4.0
⎯μs
Set-up time (repeated) START
condition SCL
↑ → SDA↓
tSUSTA
4.7
⎯μs
Data hold time
SCL
↓ → SDA↓↑
tHDDAT
0
3.45*3
μs
Data set-up time
SDA
↓↑ → SCL↑
tSUDAT
When power supply voltage of
external pull-up resistance is 5.5 V
fCP*1
≤ 20 MHz, R = 1.3 kΩ, C = 50 pF*2
When power supply voltage of
external pull-up resistance is 3.6 V
fCP*1
≤ 20 MHz, R = 1.6 kΩ, C = 50 pF*2
250*4
⎯
ns
When power supply voltage of
external pull-up resistance is 5.5 V
fCP*1
> 20 MHz, R = 1.3 kΩ, C = 50 pF*2
When power supply voltage of
external pull-up resistance is 3.6 V
fCP*1
> 20 MHz, R = 1.6 kΩ, C = 50 pF*2
200*4
⎯
ns
Set-up time for STOP condition
SCL
↑ → SDA↑
tSUSTO
When power supply voltage of
external pull-up resistance is 5.5 V
R
= 1.3 kΩ, C = 50 pF*2
When power supply voltage of
external pull-up resistance is 3.6 V
R
= 1.6 kΩ, C = 50 pF*2
4.0
⎯μs
Bus free time between a STOP and
START condition
tBUS
4.7
⎯μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com