Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90598GPF Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB90598GPF
Description  16-bit Proprietary Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90598GPF Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB90598GPF Datasheet HTML 5Page - fujitsu semiconductor MB90598GPF Datasheet HTML 6Page - fujitsu semiconductor MB90598GPF Datasheet HTML 7Page - fujitsu semiconductor MB90598GPF Datasheet HTML 8Page - fujitsu semiconductor MB90598GPF Datasheet HTML 9Page - fujitsu semiconductor MB90598GPF Datasheet HTML 10Page - fujitsu semiconductor MB90598GPF Datasheet HTML 11Page - fujitsu semiconductor MB90598GPF Datasheet HTML 12Page - fujitsu semiconductor MB90598GPF Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
MB90595G Series
DS07-13705-7E
9
(Continued)
Pin no.
Pin name
Circuit type
Function
76
P92
D
General purpose IO
INT0
External interrupt input for INT0
78 to 80
P93 to P95
D
General purpose IO
INT1 to INT3
External interrupt input for INT1 to INT3
58, 68
DVCC
⎯
Dedicated power supply pins for the high current output buffers
(Pin No. 54 to 72)
53, 63, 73
DVSS
⎯
Dedicated ground pins for the high current output buffers
(Pin No. 54 to 72)
34
AVCC
Power supply
Dedicated power supply pin for the A/D Converter
37
AVSS
Power supply
Dedicated ground pin for the A/D Converter
35
AVRH
Power supply
Upper reference voltage input for the A/D Converter
36
AVRL
Power supply
Lower reference voltage input for the A/D Converter
49, 50
MD0
MD1
C
Operating mode selection input pins. These pins should be con-
nected to VCC or VSS.
51
MD2
H
Operating mode selection input pin. This pin should be connected
to VCC or VSS.
27
C
⎯
External capacitor pin. A capacitor of 0.1
µF should be
connected to this pin and VSS.
23, 84
VCC
Power supply
Power supply pins (5.0 V).
11, 42, 81
VSS
Power supply
Ground pins (0.0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com