Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90598GPF Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB90598GPF
Description  16-bit Proprietary Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90598GPF Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB90598GPF Datasheet HTML 17Page - fujitsu semiconductor MB90598GPF Datasheet HTML 18Page - fujitsu semiconductor MB90598GPF Datasheet HTML 19Page - fujitsu semiconductor MB90598GPF Datasheet HTML 20Page - fujitsu semiconductor MB90598GPF Datasheet HTML 21Page - fujitsu semiconductor MB90598GPF Datasheet HTML 22Page - fujitsu semiconductor MB90598GPF Datasheet HTML 23Page - fujitsu semiconductor MB90598GPF Datasheet HTML 24Page - fujitsu semiconductor MB90598GPF Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
MB90595G Series
DS07-13705-7E
21
(Continued)
Address
Register
Abbreviation Access
Peripheral
Initial value
B0H
Interrupt Control Register 00
ICR00
R/W
Interrupt controller
0 0 0 0 0 1 1 1B
B1H
Interrupt Control Register 01
ICR01
R/W
0 0 0 0 0 1 1 1B
B2H
Interrupt Control Register 02
ICR02
R/W
0 0 0 0 0 1 1 1B
B3H
Interrupt Control Register 03
ICR03
R/W
0 0 0 0 0 1 1 1B
B4H
Interrupt Control Register 04
ICR04
R/W
Interrupt controller
0 0 0 0 0 1 1 1B
B5H
Interrupt Control Register 05
ICR05
R/W
0 0 0 0 0 1 1 1B
B6H
Interrupt Control Register 06
ICR06
R/W
0 0 0 0 0 1 1 1B
B7H
Interrupt Control Register 07
ICR07
R/W
0 0 0 0 0 1 1 1B
B8H
Interrupt Control Register 08
ICR08
R/W
0 0 0 0 0 1 1 1B
B9H
Interrupt Control Register 09
ICR09
R/W
0 0 0 0 0 1 1 1B
BAH
Interrupt Control Register 10
ICR10
R/W
0 0 0 0 0 1 1 1B
BBH
Interrupt Control Register 11
ICR11
R/W
0 0 0 0 0 1 1 1B
BCH
Interrupt Control Register 12
ICR12
R/W
0 0 0 0 0 1 1 1B
BDH
Interrupt Control Register 13
ICR13
R/W
0 0 0 0 0 1 1 1B
BEH
Interrupt Control Register 14
ICR14
R/W
0 0 0 0 0 1 1 1B
BFH
Interrupt Control Register 15
ICR15
R/W
0 0 0 0 0 1 1 1B
C0H to FFH
Reserved
1900H
Reload Register L
PRLL0
R/W
16-bit Programmable
Pulse
Generator 0/1
XXXXXXXXB
1901H
Reload Register H
PRLH0
R/W
XXXXXXXXB
1902H
Reload Register L
PRLL1
R/W
XXXXXXXXB
1903H
Reload Register H
PRLH1
R/W
XXXXXXXXB
1904H
Reload Register L
PRLL2
R/W
16-bit Programmable
Pulse
Generator 2/3
XXXXXXXXB
1905H
Reload Register H
PRLH2
R/W
XXXXXXXXB
1906H
Reload Register L
PRLL3
R/W
XXXXXXXXB
1907H
Reload Register H
PRLH3
R/W
XXXXXXXXB
1908H
Reload Register L
PRLL4
R/W
16-bit Programmable
Pulse
Generator 4/5
XXXXXXXXB
1909H
Reload Register H
PRLH4
R/W
XXXXXXXXB
190AH
Reload Register L
PRLL5
R/W
XXXXXXXXB
190BH
Reload Register H
PRLH5
R/W
XXXXXXXXB
190CH
Reload Register L
PRLL6
R/W
16-bit Programmable
Pulse
Generator 6/7
XXXXXXXXB
190DH
Reload Register H
PRLH6
R/W
XXXXXXXXB
190EH
Reload Register L
PRLL7
R/W
XXXXXXXXB
190FH
Reload Register H
PRLH7
R/W
XXXXXXXXB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com