Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F348CSB Datasheet(PDF) 49 Page - fujitsu semiconductor

Part # MB96F348CSB
Description  16-bit Proprietary Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSB Datasheet(HTML) 49 Page - fujitsu semiconductor

Back Button MB96F348CSB Datasheet HTML 45Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 46Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 47Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 48Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 49Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 50Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 51Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 52Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 53Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
MB96340 Series
FME-MB96340 rev 10
49
000740H
CAN0 - IF2 Command request register Low
IF2CREQL0
IF2CREQ0
R/W
000741H
CAN0 - IF2 Command request register High
IF2CREQH0
R/W
000742H
CAN0 - IF2 Command Mask register Low
IF2CMSKL0
IF2CMSK0
R/W
000743H
CAN0 - IF2 Command Mask register High (re-
served)
IF2CMSKH0
R
000744H
CAN0 - IF2 Mask 1 Register Low
IF2MSK1L0
IF2MSK10
R/W
000745H
CAN0 - IF2 Mask 1 Register High
IF2MSK1H0
R/W
000746H
CAN0 - IF2 Mask 2 Register Low
IF2MSK2L0
IF2MSK20
R/W
000747H
CAN0 - IF2 Mask 2 Register High
IF2MSK2H0
R/W
000748H
CAN0 - IF2 Arbitration 1 Register Low
IF2ARB1L0
IF2ARB10
R/W
000749H
CAN0 - IF2 Arbitration 1 Register High
IF2ARB1H0
R/W
00074AH
CAN0 - IF2 Arbitration 2 Register Low
IF2ARB2L0
IF2ARB20
R/W
00074BH
CAN0 - IF2 Arbitration 2 Register High
IF2ARB2H0
R/W
00074CH
CAN0 - IF2 Message Control Register Low
IF2MCTRL0
IF2MCTR0
R/W
00074DH
CAN0 - IF2 Message Control Register High
IF2MCTRH0
R/W
00074EH
CAN0 - IF2 Data A1 Low
IF2DTA1L0
IF2DTA10
R/W
00074FH
CAN0 - IF2 Data A1 High
IF2DTA1H0
R/W
000750H
CAN0 - IF2 Data A2 Low
IF2DTA2L0
IF2DTA20
R/W
000751H
CAN0 - IF2 Data A2 High
IF2DTA2H0
R/W
000752H
CAN0 - IF2 Data B1 Low
IF2DTB1L0
IF2DTB10
R/W
000753H
CAN0 - IF2 Data B1 High
IF2DTB1H0
R/W
000754H
CAN0 - IF2 Data B2 Low
IF2DTB2L0
IF2DTB20
R/W
000755H
CAN0 - IF2 Data B2 High
IF2DTB2H0
R/W
000756H-
00077FH
Reserved
-
000780H
CAN0 - Transmission Request 1 Register Low
TREQR1L0
TREQR10
R
000781H
CAN0 - Transmission Request 1 Register High
TREQR1H0
R
000782H
CAN0 - Transmission Request 2 Register Low
TREQR2L0
TREQR20
R
000783H
CAN0 - Transmission Request 2 Register High
TREQR2H0
R
000784H-
00078FH
Reserved
-
I/O map MB96(F)34x (26 of 30)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com