Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F348CSB Datasheet(PDF) 97 Page - fujitsu semiconductor

Part # MB96F348CSB
Description  16-bit Proprietary Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSB Datasheet(HTML) 97 Page - fujitsu semiconductor

Back Button MB96F348CSB Datasheet HTML 93Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 94Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 95Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 96Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 97Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 98Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 99Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 100Page - fujitsu semiconductor MB96F348CSB Datasheet HTML 101Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 130 page
background image
MB96340 Series
FME-MB96340 rev 10
97
5. Analog Digital Converter
Note: The accuracy gets worse as |AVRH - AVRL| becomes smaller.
(TA = -40 ˚C to +125 ˚C, 3.0 V
≤ AVRH - AVRL, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
10
bit
Total error
-
-
-
-
± 3
LSB
Nonlinearity error
-
-
-
-
± 2.5
LSB
Differential nonlinearity
error
--
-
-
± 1.9
LSB
Zero transition voltage
VOT
ANn
AVRL -
1.5 LSB
AVRL+
0.5 LSB
AVRL +
2.5 LSB
V
Full scale transition
voltage
VFST
ANn
AVRH -
3.5 LSB
AVRH -
1.5 LSB
AVRH +
0.5 LSB
V
Compare time
-
-
1.0
-
16,500
µs
4.5V
≤ ΑVCC ≤ 5.5V
2.0
-
-
µs
3.0V
≤ ΑVCC < 4.5V
Sampling time
-
-
0.5
-
-
µs
4.5V
≤ ΑVCC ≤ 5.5V
1.2
-
-
µs
3.0V
≤ ΑVCC < 4.5V
Analog input leakage
current (during conver-
sion)
IAIN
ANn
-1
-
+1
µA
TA
≤ 105 ˚C,
AVSS, AVRL < VI <
AVCC, AVRH
-1.2
-
+1.2
µA
105 ˚C
< TA ≤ 125 ˚C,
AVSS, AVRL < VI <
AVCC, AVRH
Analog input voltage
range
VAIN
ANn
AVRL
-
AVRH
V
Reference voltage
range
AVRH
AVRH/
AVRH2
0.75
AVcc
-
AVcc
V
AVRL
AVRL
AVSS
-
0.25
AVCC
V
Power supply current
IA
AVcc
-
2.5
5
mA A/D Converter active
IAH
AVcc
-
-
5
µA
A/D Converter not op-
erated
Reference voltage cur-
rent
IR
AVRH/
AVRL
-
0.7
1
mA A/D Converter active
IRH
AVRH/
AVRL
--
5
µA
A/D Converter not op-
erated
Offset between input
channels
-
ANn
-
-
4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com