Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP14E3 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP14E3
Description  4.0A Dual High-Speed Power MOSFET Drivers With Enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E3 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP14E3 Datasheet HTML 8Page - Microchip Technology MCP14E3 Datasheet HTML 9Page - Microchip Technology MCP14E3 Datasheet HTML 10Page - Microchip Technology MCP14E3 Datasheet HTML 11Page - Microchip Technology MCP14E3 Datasheet HTML 12Page - Microchip Technology MCP14E3 Datasheet HTML 13Page - Microchip Technology MCP14E3 Datasheet HTML 14Page - Microchip Technology MCP14E3 Datasheet HTML 15Page - Microchip Technology MCP14E3 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MCP14E3/MCP14E4/MCP14E5
DS22062B-page 12
© 2008 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
4.1
General Information
MOSFET drivers are high-speed, high current devices
which are intended to source/sink high peak currents to
charge/discharge the gate capacitance of external
MOSFETs or IGBTs. In high frequency switching power
supplies, the PWM controller may not have the drive
capability to directly drive the power MOSFET. A MOS-
FET driver like the MCP14E3/MCP14E4/MCP14E5
family can be used to provide additional source/sink
current capability.
An additional degree of control has been added to the
MCP14E3/MCP14E4/MCP14E5
family.
There
are
separate enable functions for each driver that allow for
the
immediate
termination
of
the
output
pulse
regardless of the state of the input signal.
4.2
MOSFET Driver Timing
The ability of a MOSFET driver to transition from a fully
off state to a fully on state are characterized by the
drivers rise time (tR), fall time (tF), and propagation
delays (tD1 and tD2). The MCP14E3/MCP14E4/
MCP14E5 family of drivers can typically charge and
discharge a 2200 pF load capacitance in 15 ns along
with a typical matched propagation delay of 50 ns.
Figure 4-1 and Figure 4-2 show the test circuit and
timing waveform used to verify the MCP14E3/
MCP14E4/MCP14E5 timing.
FIGURE 4-1:
Inverting Driver Timing
Waveform.
FIGURE 4-2:
Non-Inverting Driver Timing
Waveform.
4.3
Enable Function
The ENB_A and ENB_B enable pins allow for indepen-
dent control of OUT A and OUT B respectively. They
are active high and are internally pulled up to VDD so
that the default state is to enable the driver. These pins
can be left floating for normal operation.
When an enable pin voltage is above the enable pin
high threshold voltage, VEN_H (2.4V typical), that driver
output is enabled and allowed to react to changes in
the INPUT pin voltage state. Likewise, when the enable
pin voltage falls below the enable pin low threshold
voltage, VEN_L (2.0V typical), that driver output is dis-
abled and does not respond the changes in the INPUT
pin voltage state. When the driver is disabled, the out-
put goes to a low state. Refer to Table 4-1 for enable
pin logic. The threshold voltages of the enable function
are compatible with logic levels. Hysteresis is provided
to help increase the noise immunity of the enable
function, avoiding false triggers of the enable signal
during driver switching. For robust designs, it is
recommended that the slew rate of the enable pin
signal be greater than 1 V/ns.
There are propagation delays associated with the
driver receiving an enable signal and the output
reacting. These propagation delays, tD3 and tD4, are
graphically represented in Figure 4-3.
0.1 µF
+5V
10%
90%
10%
90%
10%
90%
18V
1µF
0V
0V
MCP14E3
CL = 2200 pF
Input
Input
Output
tD1
tF
tD2
Output
tR
V
DD = 18V
Ceramic
Input
(1/2 MCP14E5)
90%
Input
tD1
tF
tD2
Output
tR
10%
10%
10%
+5V
18V
0V
0V
90%
90%
0.1 µF
1µF
MCP14E4
CL = 2200 pF
Input
Output
V
DD = 18V
Ceramic
Input
(1/2 MCP14E5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com