Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP14E3 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP14E3
Description  4.0A Dual High-Speed Power MOSFET Drivers With Enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E3 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP14E3 Datasheet HTML 10Page - Microchip Technology MCP14E3 Datasheet HTML 11Page - Microchip Technology MCP14E3 Datasheet HTML 12Page - Microchip Technology MCP14E3 Datasheet HTML 13Page - Microchip Technology MCP14E3 Datasheet HTML 14Page - Microchip Technology MCP14E3 Datasheet HTML 15Page - Microchip Technology MCP14E3 Datasheet HTML 16Page - Microchip Technology MCP14E3 Datasheet HTML 17Page - Microchip Technology MCP14E3 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MCP14E3/MCP14E4/MCP14E5
DS22062B-page 14
© 2008 Microchip Technology Inc.
4.6.2
QUIESCENT POWER DISSIPATION
The power dissipation associated with the quiescent
current draw of the MCP14E3/MCP14E4/MCP14E5
depends upon the state of the input and enable pins.
Refer to the DC Characteristic table for the quiescent
current draw for specific combinations of input and
enable pin states. The quiescent power dissipation is:
EQUATION 4-3:
4.6.3
OPERATING POWER DISSIPATION
The operating power dissipation occurs each time the
MOSFET driver output transitions because for a very
short period of time both MOSFETs in the output stage
are on simultaneously. This cross-conduction current
leads to a power dissipation describes as:
EQUATION 4-4:
P
Q
I
QH
DI
QL
1
D
–
()
×
+
×
() V
DD
×
=
Where:
IQH
=
Quiescent current in the high
state
D
=
Duty cycle
IQL
=
Quiescent current in the low
state
VDD
=
MOSFET driver supply voltage
P
CC
CC
f
×
V
DD
×
=
Where:
CC
=
Cross-conduction constant
(A*sec)
f
=
Switching frequency
VDD
=
MOSFET driver supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com