Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T512Y Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T512Y
Description  5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512Y Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T512Y Datasheet HTML 7Page - STMicroelectronics M48T512Y Datasheet HTML 8Page - STMicroelectronics M48T512Y Datasheet HTML 9Page - STMicroelectronics M48T512Y Datasheet HTML 10Page - STMicroelectronics M48T512Y Datasheet HTML 11Page - STMicroelectronics M48T512Y Datasheet HTML 12Page - STMicroelectronics M48T512Y Datasheet HTML 13Page - STMicroelectronics M48T512Y Datasheet HTML 14Page - STMicroelectronics M48T512Y Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
M48T512Y, M48T512V
Clock operations
Doc ID 5747 Rev 6
11/23
3
Clock operations
3.1
Reading the clock
Updates to the TIMEKEEPER® registers should be halted before clock data is read to
prevent reading data in transition (see Table 5 on page 12). The BiPORT™ TIMEKEEPER
cells in the RAM array are only data registers and not the actual clock counters, so updating
the registers can be halted without disturbing the clock itself.
Updating is halted when a '1' is written to the READ bit, D6 in the control register (7FFF8h).
As long as a '1' remains in that position, updating is halted. After a halt is issued, the
registers reflect the count; that is, the day, date, and time that were current at the moment
the halt command was issued. All of the TIMEKEEPER registers are updated
simultaneously. A halt will not interrupt an update in progress. The next update occurs 1
second after the READ bit is reset to a '0.'
3.2
Setting the clock
Bit D7 of the control register (7FFF8h) is the WRITE bit. Setting the WRITE bit to a '1,' like
the READ bit, halts updates to the TIMEKEEPER registers. The user can then load them
with the correct day, date, and time data in 24 hour BCD format (see Table 5 on page 12).
Resetting the WRITE bit to a '0' then transfers the values of all time registers 7FFFFh-
7FFF9h to the actual TIMEKEEPER counters and allows normal operation to resume. After
the WRITE bit is reset, the next clock update will occur approximately one second later.
Note:
Upon power-up, both the WRITE bit and the READ bit will be reset to '0.'
3.3
Stopping and starting the oscillator.
The oscillator may be stopped at any time. If the device is going to spend a significant
amount of time on the shelf, the oscillator can be turned off to minimize current drain on the
battery. The STOP bit is located at bit D7 within 7FFF9h. Setting it to a '1' stops the
oscillator. The M48T512Y/V is shipped from STMicroelectronics with the STOP bit set to a
'1.' When reset to a '0,' the M48T512Y/V oscillator starts after approximately one second.
Note:
It is not necessary to set the WRITE bit when setting or resetting the FREQUENCY TEST
bit (FT) or the STOP bit (ST).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com