Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T512Y Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T512Y
Description  5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512Y Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T512Y Datasheet HTML 8Page - STMicroelectronics M48T512Y Datasheet HTML 9Page - STMicroelectronics M48T512Y Datasheet HTML 10Page - STMicroelectronics M48T512Y Datasheet HTML 11Page - STMicroelectronics M48T512Y Datasheet HTML 12Page - STMicroelectronics M48T512Y Datasheet HTML 13Page - STMicroelectronics M48T512Y Datasheet HTML 14Page - STMicroelectronics M48T512Y Datasheet HTML 15Page - STMicroelectronics M48T512Y Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Clock operations
M48T512Y, M48T512V
12/23
Doc ID 5747 Rev 6
Table 5.
Register map
Keys:
S = SIGN bit
R = READ bit
W = WRITE bit
ST = STOP bit
0 = Must be set to '0'
3.4
Calibrating the clock
The M48T512Y/V is driven by a quartz controlled oscillator with a nominal frequency of
32,768 Hz. The devices are factory calibrated at 25 °C and tested for accuracy. Clock
accuracy will not exceed 35 ppm (parts per million) oscillator frequency error at 25 °C, which
equates to about ±1.53 minutes per month. When the Calibration circuit is properly
employed, accuracy improves to better than +1/–2 ppm at 25 °C. The oscillation rate of
crystals changes with temperature. The M48T512Y/V design employs periodic counter
correction. The calibration circuit adds or subtracts counts from the oscillator divider circuit
at the divide by 256 stage (see Figure 8 on page 13).
The number of times pulses are blanked (subtracted, negative calibration) or split (added,
positive calibration) depends upon the value loaded into the five calibration bits found in the
control register. Adding counts speeds the clock up, subtracting counts slows the clock
down. The calibration bits occupy the five lower order bits (D4-D0) in the control register
7FFF8h. These bits can be set to represent any value between 0 and 31 in binary form. Bit
D5 is a sign bit; '1' indicates positive calibration, '0' indicates negative calibration. Calibration
occurs within a 64 minute cycle. The first 62 minutes in the cycle may, once per minute, have
one second either shortened by 128 or lengthened by 256 oscillator cycles. If a binary '1' is
loaded into the register, only the first 2 minutes in the 64 minute cycle will be modified; if a
binary 6 is loaded, the first 12 will be affected, and so on. Therefore, each calibration step
has the effect of adding 512 or subtracting 256 oscillator cycles for every 125, 829, 120
actual oscillator cycles; that is, +4.068 or –2.034 ppm of adjustment per calibration step in
the calibration register.
Assuming that the oscillator is running at exactly 32,768 Hz, each of the 31 increments in
the calibration byte would represent +10.7 or –5.35 seconds per month which corresponds
to a total range of +5.5 or –2.75 minutes per month.
Address
Data
Function/range
BCD format
D7
D6
D5
D4
D3
D2
D1
D0
7FFFFh
10 years
Year
Year
00-99
7FFFEh
0
0
0
10 M
Month
Month
01-12
7FFFDh
0
0
10 date
Date
Date
01-31
7FFFCh
0
0
0
0
0
Day
Day
01-07
7FFFBh
0
0
10 hours
Hours
Hours
00-23
7FFFAh
0
10 minutes
Minutes
Minutes
00-59
7FFF9h
ST
10 seconds
Seconds
Seconds
00-59
7FFF8h
W
R
S
Calibration
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com