Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-BF Datasheet(PDF) 23 Page - STMicroelectronics

Part # M24256-BF
Description  256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24256-BF Datasheet HTML 19Page - STMicroelectronics M24256-BF Datasheet HTML 20Page - STMicroelectronics M24256-BF Datasheet HTML 21Page - STMicroelectronics M24256-BF Datasheet HTML 22Page - STMicroelectronics M24256-BF Datasheet HTML 23Page - STMicroelectronics M24256-BF Datasheet HTML 24Page - STMicroelectronics M24256-BF Datasheet HTML 25Page - STMicroelectronics M24256-BF Datasheet HTML 26Page - STMicroelectronics M24256-BF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
M24256-BF, M24256-BR, M24256-BW, M24256-DR
Initial delivery state
Doc ID 6757 Rev 21
23/42
4
Initial delivery state
The device is delivered with all bits in the memory array set to 1 (each byte contains FFh).
5
Maximum rating
Stressing the device outside the ratings listed in Table 7 may cause permanent damage to
the device. These are stress ratings only, and operation of the device at these, or any other
conditions outside those indicated in the operating sections of this specification, is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 7.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
–40
130
°C
TSTG
Storage temperature
–65
150
°C
TLEAD
Lead temperature during soldering
See note (1)
1.
Compliant with JEDEC Std J-STD-020D (for small body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on the restriction of the use of certain hazardous
substances in electrical and electronic equipment (RoHS) 2002/95/EC.
°C
VIO
Input or output range
–0.50
6.5
V
VCC
Supply voltage
–0.50
6.5
V
IOL
DC output current (SDA = 0)
5
mA
VESD
Electrostatic discharge voltage (human body model) (2)
2.
AEC-Q100-002 (compliant with JEDEC Std JESD22-A114, C1 = 100 pF, R1 = 1500
, R2 = 500 )
–3000
3000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com