Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24256-BF Datasheet(PDF) 37 Page - STMicroelectronics

Part # M24256-BF
Description  256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BF Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M24256-BF Datasheet HTML 33Page - STMicroelectronics M24256-BF Datasheet HTML 34Page - STMicroelectronics M24256-BF Datasheet HTML 35Page - STMicroelectronics M24256-BF Datasheet HTML 36Page - STMicroelectronics M24256-BF Datasheet HTML 37Page - STMicroelectronics M24256-BF Datasheet HTML 38Page - STMicroelectronics M24256-BF Datasheet HTML 39Page - STMicroelectronics M24256-BF Datasheet HTML 40Page - STMicroelectronics M24256-BF Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
M24256-BF, M24256-BR, M24256-BW, M24256-DR
Part numbering
Doc ID 6757 Rev 21
37/42
Table 24.
Available M24256-BR, M24256-BW, M24256-BF products (package,
voltage range, temperature grade)
Package
M24256-BW
2.5 V to 5.5 V
M24256-BR
1.8 V to 5.5 V
M24256-BF
1.7 V to 5.5 V
SO8N (MN)
Range 6, Range 3
Range 6
-
SO8W (MW)
Range 6
-
-
TSSOP (DW)
Range 6
Range 6
Range 6
WLCSP (CS)
-
Range 6
-
UFDFPN8 (MB)
-
-
Range 6
Table 25.
Available M24256-DR products (package, voltage range, temperature
grade)
Package
M24256-DR
1.8 V to 5.5 V
SO8N (MN)
Range 6
TSSOP (DW)
Range 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com